Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSDR-230+ Datasheet (PDF) - Mini-Circuits

ZSDR-230+ Datasheet PDF - Mini-Circuits
Part # ZSDR-230+
Download  ZSDR-230+ Download
File Size   91.68 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Switch

ZSDR-230+ Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSDR-230+ Datasheet PDF - Mini-Circuits

Part # ZSDR-230+
Download  ZSDR-230+ Click to download

File Size   91.68 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Switch

ZSDR-230+ Datasheet (HTML) - Mini-Circuits


ZSDR-230+ Product details

50Ω SPDTPin Diode, TTL Driver 10 to 3000 MHz



Features

• wideband, 10 to 3000 MHz

• high isolation, 40 dB typ.



Applications

• test set-ups

• antenna switching

• satellite communications

 




Similar Part No. - ZSDR-230+

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZSDR-425 MINI-ZSDR-425 Datasheet
128Kb / 1P
50ohm SP4T Pin Diode, TTL Driver 10 to 2500 MHz
More results


Similar Description - ZSDR-230+

ManufacturerPart #DatasheetDescription
logo
Lucky Light Electronic
PE4256 LUCKY-LIGHT-PE4256_15 Datasheet
295Kb / 8P
Switch
PE4268 LUCKY-LIGHT-PE4268_15 Datasheet
308Kb / 10P
Switch
logo
Peregrine Semiconductor...
PE4270 PEREGRINE-PE4270_15 Datasheet
428Kb / 8P
Switch
PE4280 PEREGRINE-PE4280_15 Datasheet
261Kb / 8P
Switch
PE42750 PEREGRINE-PE42750_15 Datasheet
450Kb / 10P
Switch
PE4256 PEREGRINE-PE4256_15 Datasheet
295Kb / 8P
Switch
logo
Mini-Circuits
KSW-2-46 MINI-KSW-2-46 Datasheet
311Kb / 2P
Switch
MSW-2-20 MINI-MSW-2-20 Datasheet
312Kb / 2P
Switch
TOSW-425 MINI-TOSW-425 Datasheet
237Kb / 2P
Switch
logo
E-SWITCH
RA1H1C112R E-SWITCH-RA1H1C112R Datasheet
63Kb / 1P
SWITCH
c
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com