Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZSDR-425 Datasheet (PDF) - Mini-Circuits

ZSDR-425 Datasheet PDF - Mini-Circuits
Part # ZSDR-425
Download  ZSDR-425 Download
File Size   128.08 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50ohm SP4T Pin Diode, TTL Driver 10 to 2500 MHz

ZSDR-425 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSDR-425 Datasheet PDF - Mini-Circuits

Part # ZSDR-425
Download  ZSDR-425 Click to download

File Size   128.08 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50ohm SP4T Pin Diode, TTL Driver 10 to 2500 MHz

ZSDR-425 Datasheet (HTML) - Mini-Circuits


ZSDR-425 Product details

Features
• wideband, 10 to 2500 MHz
• high isolation, 40 dB typ.

Applications
• test set-ups
• antenna switching
• satellite communication




Similar Part No. - ZSDR-425

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZSDR-230 MINI-ZSDR-230 Datasheet
91Kb / 1P
Switch
ZSDR-230+ MINI-ZSDR-230+ Datasheet
91Kb / 1P
Switch
More results


Similar Description - ZSDR-425

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AR2538 ETC-AR2538 Datasheet
73Kb / 1P
10 TO 2500 MHz
logo
Mini-Circuits
TOAT-3610 MINI-TOAT-3610 Datasheet
89Kb / 2P
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz
logo
DAICO Industries, Inc.
CDS0624 DAICO-CDS0624 Datasheet
159Kb / 1P
PIN Diode SP4T
CDS0670 DAICO-CDS0670 Datasheet
164Kb / 1P
PIN Diode SP4T
DS0545 DAICO-DS0545 Datasheet
151Kb / 1P
PIN Diode SP4T
DS0744 DAICO-DS0744 Datasheet
160Kb / 1P
PIN Diode SP4T
logo
Tyco Electronics
A3010 MACOM-A3010 Datasheet
398Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
A3010 MACOM-A3010_1 Datasheet
374Kb / 2P
Cascadable Amplifier 10 to 2500 MHz
logo
Mini-Circuits
TOAT-R512 MINI-TOAT-R512 Datasheet
112Kb / 2P
50廓 TTL Control, Pin Diode 10 to 1000 MHz
logo
Teledyne Technologies I...
A2CP2510 TELEDYNE-A2CP2510 Datasheet
100Kb / 1P
10 TO 2500 MHz COUGARPAK??AMPLIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com