Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOAT-3610 Datasheet (PDF) - Mini-Circuits

TOAT-3610 Datasheet PDF - Mini-Circuits
Part # TOAT-3610
Download  TOAT-3610 Download
File Size   89.79 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz

TOAT-3610 Datasheet (PDF)

Go To PDF Page Download Datasheet
TOAT-3610 Datasheet PDF - Mini-Circuits

Part # TOAT-3610
Download  TOAT-3610 Click to download

File Size   89.79 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz

TOAT-3610 Datasheet (HTML) - Mini-Circuits


TOAT-3610 Product details

Digital Step Attenuator
50Ω TTL Control, Pin Diode 10 to 1000 MHz

Features
• wideband, 10 to 1000 MHz
• excellent step accuracy, 0.2 dB typ.
• excellent VSWR 1.3 typ.
• low DC current, 6 mA typ.
• hermetic, metal, TO-8 case

Applications
• base stations
• cellular
• test-sets
• military, hi-rel applications

Maximum Ratings
   Operating Temperature -55°C to 100°C
   Storage Temperature -55°C to 125°C
   Input Power 15 dBm
   DC Voltage 5.5 V
   TTL 5.5V




Similar Part No. - TOAT-3610

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TOAT-124 MINI-TOAT-124 Datasheet
190Kb / 2P
Digital Step Attenuator
TOAT-4816 MINI-TOAT-4816 Datasheet
193Kb / 2P
Digital Step Attenuator
TOAT-51020 MINI-TOAT-51020 Datasheet
189Kb / 2P
Digital Step Attenuator
TOAT-R512 MINI-TOAT-R512 Datasheet
112Kb / 2P
50廓 TTL Control, Pin Diode 10 to 1000 MHz
TOAT-R512+ MINI-TOAT-R512+ Datasheet
112Kb / 2P
50廓 TTL Control, Pin Diode 10 to 1000 MHz
More results


Similar Description - TOAT-3610

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019 Datasheet
220Kb / 2P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
Mini-Circuits
ZSDR-425 MINI-ZSDR-425 Datasheet
128Kb / 1P
50ohm SP4T Pin Diode, TTL Driver 10 to 2500 MHz
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019_1 Datasheet
195Kb / 3P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MACOM-MAAV-007088-000100 Datasheet
214Kb / 3P
PIN Diode Based Variable Attenuator 50 - 1000 MHz
logo
Mini-Circuits
TOAT-R512 MINI-TOAT-R512 Datasheet
112Kb / 2P
50廓 TTL Control, Pin Diode 10 to 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0019 MA-COM-AT10-0019 Datasheet
77Kb / 4P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MA4P274-1225 MA-COM-MA4P274-1225 Datasheet
414Kb / 7P
Quad PIN Diode ? Attenuator 10 - 4000 MHz
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
Teledyne Technologies I...
UTF0040 TELEDYNE-UTF0040 Datasheet
151Kb / 6P
Attenuator 10 to 1000 MHz
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com