Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6713 Datasheet (PDF) - Qorvo, Inc

QPC6713 Datasheet PDF - Qorvo, Inc
Part # QPC6713
Download  QPC6713 Download
File Size   2291.74 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 50 MHz to 6000 MHz Digital Step Attenuator

QPC6713 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC6713 Datasheet PDF - Qorvo, Inc

Part # QPC6713
Download  QPC6713 Click to download

File Size   2291.74 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 50 MHz to 6000 MHz Digital Step Attenuator

QPC6713 Datasheet (HTML) - Qorvo, Inc


QPC6713 Product details

Product Features
7-Bit, 31.75 dB Range, 0.25 dB Step
Patented Circuit Architecture
Overshoot-free Transient Switching Performance
Frequency Range 50 MHz to 6000 MHz
High Linearity, IIP3 > +55 dBm
Serial Control Interface
Fast Switching Speed, 50 nsec Typical
Serial Addressable Supports Up to Eight Addresses
Single Supply +3 V to +5 V Operation
RF Pins Have No DC Voltage, Can be DC Grounded
Externally
Power-up Default Setting Is Maximum Attenuation




Similar Part No. - QPC6713

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPC6713 RFMD-QPC6713 Datasheet
1Mb / 17P
Digital Step Attenuator
More results


Similar Description - QPC6713

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
DAT-31-PN MINI-DAT-31-PN Datasheet
460Kb / 12P
Digital Step Attenuator DC-2400 MHz
logo
Micronetics, Inc.
NMA2414-A1T MICRONETICS-NMA2414-A1T Datasheet
209Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2S MICRONETICS-NMA2414-A2S Datasheet
201Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2T MICRONETICS-NMA2414-A2T Datasheet
318Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B2T MICRONETICS-NMA2414-B2T Datasheet
357Kb / 2P
Legacy 100 MHz to 6000 MHz
logo
TriQuint Semiconductor
QPC3624 TRIQUINT-QPC3624 Datasheet
1Mb / 19P
47??000 MHz Digital Step Attenuator
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
Qorvo, Inc
QPC6614 QORVO-QPC6614 Datasheet
2Mb / 16P
5 MHz to 6000 MHz Digital Step Attenuators
October 26, 2020
RFSA3413 QORVO-RFSA3413 Datasheet
1Mb / 14P
5 MHz to 6000 MHz Digial Step Attenuator
March 5, 2019
logo
Renesas Technology Corp
F2258 RENESAS-F2258 Datasheet
2Mb / 25P
Voltage Variable RF Attenuator 50 to 6000 MHz
01/20/2017
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com