Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6713 Datasheet(PDF) 2 Page - Qorvo, Inc

Part # QPC6713
Description  50 MHz to 6000 MHz Digital Step Attenuator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

QPC6713 Datasheet(HTML) 2 Page - Qorvo, Inc

  QPC6713 Datasheet HTML 1Page - Qorvo, Inc QPC6713 Datasheet HTML 2Page - Qorvo, Inc QPC6713 Datasheet HTML 3Page - Qorvo, Inc QPC6713 Datasheet HTML 4Page - Qorvo, Inc QPC6713 Datasheet HTML 5Page - Qorvo, Inc QPC6713 Datasheet HTML 6Page - Qorvo, Inc QPC6713 Datasheet HTML 7Page - Qorvo, Inc QPC6713 Datasheet HTML 8Page - Qorvo, Inc QPC6713 Datasheet HTML 9Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
QPC6713
50 MHz to 6000 MHz Digital Step Attenuator
Datasheet October 16, 2020 | Subject to change without notice
2 of 16
www.qorvo.com
®
Recommended Operating Conditions
Parameter
Min
Typ
Max
Units
Supply Voltage (VDD)
+2.7
+5.5
V
Case Temperature
−40
+105
°C
Operating Junction Temp.
+125
°C
Electrical specifications are measured at specified test conditions.
Specifications are not guaranteed over all recommended operating
conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−40 to +150 °C
Supply Voltage (VDD)
−0.5 to +6.0 V
All Other DC and Logic Pins (Supply Voltage
Must Be Applied Prior to Any Other Pin Voltages)
−0.5 to +6.0 V
Input Power (RFIN Pin, +85°C Case Temp.)
+30
 dBm
Input Power (RFOUT Pin, +85°C Case Temp.)
+27
 dBm
Exceeding any one or a combination of the Absolute Maximum Rating
conditions may cause permanent damage to the device. Extended
application of Absolute Maximum Rating conditions to the device may
reduce device reliability.
Electrical Specifications
Parameter
Conditions
Min
Typ
Max
Units
Frequency Range
50
6000
MHz
Insertion Loss
2000 MHz, 0 dB Attenuation Setting
1.7
dB
Attenuation Range
0.25
 dB step size
31.75
dB
Attenuation Step
0.25
dB
Attenuation Accuracy
± (0.15 + 3% of Atten. Setting)
dB
Input IP3
+55
dBm
Input P0.1dB
+30
dBm
RF Input Power at RFIN Pin
+27
dBm
RF Input Power at RFOUT Pin
+20
dBm
Return Loss
15
dB
Switching Time
50% CTL to 10% / 90% RF
50
ns
Successive Step Phase Delta
2000 MHz
2
Deg.
Supply Current, IDD
Steady state operation, current draw during
attenuation state transitions is higher.
180
 μA
Thermal Resistance
66
 °C/W
Notes:
1. Test conditions unless otherwise noted: VDD=+5 V, Temp= +25 °C, Freq.=2000 MHz, 50 Ω system,
Control Logic Requirements
Parameter
Conditions
Min
Typ
Max
Units
Low State Input Voltage
0
+0.63
V
High State Input Voltage
+1.17
VDD
V
Notes:
1. Test conditions unless otherwise noted: VDD=+5 V, Temp= +25 °C, Freq.=2000 MHz, 50 Ω system,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com