Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

QPC6614 Datasheet (PDF) - Qorvo, Inc

QPC6614 Datasheet PDF - Qorvo, Inc
Part # QPC6614
Download  QPC6614 Download
File Size   2364.65 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 5 MHz to 6000 MHz Digital Step Attenuators

QPC6614 Datasheet (PDF)

Go To PDF Page Download Datasheet
QPC6614 Datasheet PDF - Qorvo, Inc

Part # QPC6614
Download  QPC6614 Click to download

File Size   2364.65 Kbytes
Page   16 Pages
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc
Description 5 MHz to 6000 MHz Digital Step Attenuators

QPC6614 Datasheet (HTML) - Qorvo, Inc


QPC6614 Product details

Key Features
6-Bit, 31.5 dB, 0.5dB Step
Patented Circuit Architecture
Overshoot-free During Attenuation State Transitions
Frequency Range 5 MHz to 6000 MHz
High Linearity, IIP3 +55 dBm Typical
Serial Control Interface
Fast Switching, 120 ns Typical
Single Supply 3 V to 5 V Operation
No DC Voltage on RF Pins, DC Grounding Allowed
Externally
Power-up Attenuation State Programmable




Similar Part No. - QPC6614

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
QPC6614 RFMD-QPC6614 Datasheet
1Mb / 15P
Digital Step Attenuator
More results


Similar Description - QPC6614

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADL5504 AD-ADL5504 Datasheet
1Mb / 24P
450 MHz to 6000 MHz TruPwr Detector
REV. 0
logo
Micronetics, Inc.
NMA2414-A1T MICRONETICS-NMA2414-A1T Datasheet
209Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2S MICRONETICS-NMA2414-A2S Datasheet
201Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-A2T MICRONETICS-NMA2414-A2T Datasheet
318Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B1T MICRONETICS-NMA2414-B1T Datasheet
166Kb / 2P
Legacy 100 MHz to 6000 MHz
NMA2414-B2T MICRONETICS-NMA2414-B2T Datasheet
357Kb / 2P
Legacy 100 MHz to 6000 MHz
logo
Advanced Semiconductor ...
ASW208 ASB-ASW208 Datasheet
697Kb / 11P
5-6000 MHz MMIC Amplifier
August 2012
logo
Teledyne Technologies I...
A2CP6005 TELEDYNE-A2CP6005 Datasheet
125Kb / 2P
2000-6000 MHz 2000-6000 MHz
logo
Qorvo, Inc
QPC6713 QORVO-QPC6713 Datasheet
2Mb / 16P
50 MHz to 6000 MHz Digital Step Attenuator
October 16, 2020
RFSA3413 QORVO-RFSA3413 Datasheet
1Mb / 14P
5 MHz to 6000 MHz Digial Step Attenuator
March 5, 2019
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com