Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOAT-R512 Datasheet (PDF) - Mini-Circuits

TOAT-R512 Datasheet PDF - Mini-Circuits
Part # TOAT-R512
Download  TOAT-R512 Download
File Size   112.8 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50廓 TTL Control, Pin Diode 10 to 1000 MHz

TOAT-R512 Datasheet (PDF)

Go To PDF Page Download Datasheet
TOAT-R512 Datasheet PDF - Mini-Circuits

Part # TOAT-R512
Download  TOAT-R512 Click to download

File Size   112.8 Kbytes
Page   2 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description 50廓 TTL Control, Pin Diode 10 to 1000 MHz

TOAT-R512 Datasheet (HTML) - Mini-Circuits


TOAT-R512 Product details

Digital Step Attenuator
50Ω TTL Control, Pin Diode 10 to 1000 MHz

Features
• wideband, 10 to 1000 MHz
• excellent step accuracy, 0.2 dB typ.
• excellent VSWR 1.3 typ.
• low DC current, 6 mA typ.
• hermetic, metal, TO-8 case

Maximum Ratings
   Operating Temperature -55°C to 100°C
   Storage Temperature -55°C to 125°C
   Input Power 15 dBm
   DC Voltage 5.5 V
   TTL 5.5V




Similar Part No. - TOAT-R512

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TOAT-124 MINI-TOAT-124 Datasheet
190Kb / 2P
Digital Step Attenuator
TOAT-3610 MINI-TOAT-3610 Datasheet
89Kb / 2P
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz
TOAT-4816 MINI-TOAT-4816 Datasheet
193Kb / 2P
Digital Step Attenuator
TOAT-51020 MINI-TOAT-51020 Datasheet
189Kb / 2P
Digital Step Attenuator
More results


Similar Description - TOAT-R512

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TOAT-3610 MINI-TOAT-3610 Datasheet
89Kb / 2P
Digital Step Attenuator, 50ohm TTL Control, Pin Diode 10 to 1000 MHz
ZSDR-425 MINI-ZSDR-425 Datasheet
128Kb / 1P
50ohm SP4T Pin Diode, TTL Driver 10 to 2500 MHz
ZFL-1000VH MINI-ZFL-1000VH Datasheet
189Kb / 2P
Amplifier 50廓 Medium Power 10 to 1000 MHz
ADC-10-4 MINI-ADC-10-4 Datasheet
261Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
ADC-15-4 MINI-ADC-15-4 Datasheet
240Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
JDC-10-4 MINI-JDC-10-4 Datasheet
311Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
TCD-13-4 MINI-TCD-13-4 Datasheet
282Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
TCD-18-4 MINI-TCD-18-4 Datasheet
281Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
TCD-20-4 MINI-TCD-20-4 Datasheet
282Kb / 1P
Directional Coupler 50廓 5 to 1000 MHz
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com