Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TOAT-R512 Datasheet(PDF) 2 Page - Mini-Circuits

Part # TOAT-R512
Description  50廓 TTL Control, Pin Diode 10 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

TOAT-R512 Datasheet(HTML) 2 Page - Mini-Circuits

  TOAT-R512 Datasheet HTML 1Page - Mini-Circuits TOAT-R512 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits
®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NEW
Step Attenuation* at TTL Control State
INPUT VSWR
OUTPUT VSWR
FREQ.
000
001
010
011
100
101
110
111
THRU LOSS
0.5
1.0
1.5
2.0
2.5
3
3.5
(MHz)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
(dB)
10.00
2.82
0.48
1.01
1.49
2.01
2.49
3.01
3.51
49.60
2.51
0.47
1.02
1.51
2.00
2.49
3.06
3.53
148.60
2.49
0.48
1.03
1.49
2.01
2.51
3.05
3.50
208.00
2.52
0.49
1.02
1.51
2.00
2.50
3.03
3.48
247.60
2.57
0.49
1.02
1.51
1.98
2.48
3.02
3.50
346.60
2.60
0.50
1.05
1.54
1.98
2.49
3.02
3.51
406.00
2.67
0.52
1.08
1.57
1.98
2.47
3.04
3.53
445.60
2.70
0.48
1.03
1.55
1.97
2.48
3.02
3.51
544.60
2.73
0.50
1.08
1.57
1.96
2.49
3.04
3.54
604.00
2.74
0.53
1.09
1.60
1.96
2.52
3.07
3.57
703.00
2.78
0.53
1.12
1.66
1.98
2.54
3.08
3.61
762.40
2.77
0.54
1.09
1.62
1.97
2.50
3.06
3.57
821.80
2.77
0.52
1.14
1.68
2.01
2.55
3.10
3.66
881.20
2.82
0.55
1.14
1.70
2.02
2.57
3.12
3.70
940.60
2.84
0.57
1.14
1.70
1.99
2.59
3.14
3.73
1000.00
2.81
0.56
1.18
1.71
2.07
2.62
3.18
3.76
FREQ.
001
010
011
100
101
110
111
(MHz)
10.00
1.26
1.26
1.24
1.27
1.25
1.25
1.23
49.60
1.11
1.10
1.10
1.10
1.10
1.10
1.09
148.60
1.14
1.14
1.14
1.13
1.13
1.13
1.13
208.00
1.17
1.17
1.17
1.15
1.16
1.16
1.16
247.60
1.19
1.20
1.20
1.17
1.18
1.18
1.19
346.60
1.24
1.25
1.25
1.22
1.23
1.23
1.24
406.00
1.27
1.28
1.28
1.24
1.25
1.27
1.27
445.60
1.29
1.30
1.30
1.26
1.27
1.29
1.29
544.60
1.31
1.33
1.33
1.29
1.30
1.32
1.33
604.00
1.32
1.34
1.34
1.30
1.31
1.34
1.34
703.00
1.31
1.34
1.33
1.30
1.31
1.35
1.35
762.40
1.30
1.33
1.33
1.30
1.31
1.34
1.35
821.80
1.28
1.32
1.31
1.29
1.30
1.34
1.34
881.20
1.26
1.30
1.30
1.28
1.28
1.33
1.32
940.60
1.24
1.28
1.27
1.26
1.26
1.31
1.31
1000.00
1.21
1.25
1.25
1.23
1.25
1.29
1.29
FREQ.
001
010
011
100
101
110
111
(MHz)
10.00
1.30
1.27
1.27
1.22
1.21
1.20
1.20
49.60
1.12
1.12
1.12
1.09
1.09
1.09
1.09
148.60
1.15
1.15
1.16
1.12
1.11
1.11
1.11
208.00
1.17
1.18
1.18
1.12
1.13
1.12
1.14
247.60
1.21
1.21
1.21
1.14
1.15
1.15
1.15
346.60
1.26
1.27
1.29
1.18
1.19
1.20
1.20
406.00
1.31
1.33
1.33
1.22
1.23
1.24
1.23
445.60
1.32
1.32
1.34
1.22
1.23
1.25
1.26
544.60
1.36
1.37
1.38
1.25
1.25
1.28
1.28
604.00
1.37
1.39
1.39
1.26
1.26
1.31
1.28
703.00
1.38
1.41
1.41
1.26
1.26
1.29
1.29
762.40
1.36
1.39
1.39
1.28
1.27
1.29
1.29
821.80
1.36
1.39
1.39
1.28
1.26
1.30
1.28
881.20
1.30
1.37
1.37
1.25
1.23
1.27
1.26
940.60
1.31
1.37
1.35
1.23
1.23
1.26
1.26
1000.00
1.28
1.33
1.32
1.22
1.22
1.24
1.26
* Step attenuation above thru-loss (TTL logic 000)
TOAT-R512+
TOAT-R512
Page 2 of 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com