Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT10-0019 Datasheet (PDF) - Tyco Electronics

AT10-0019 Datasheet PDF - Tyco Electronics
Part # AT10-0019
Download  AT10-0019 Download
File Size   220.96 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PIN Diode Based Variable Attenuator, 50 - 1000 MHz

AT10-0019 Datasheet (PDF)

Go To PDF Page Download Datasheet
AT10-0019 Datasheet PDF - Tyco Electronics

Part # AT10-0019
Download  AT10-0019 Click to download

File Size   220.96 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description PIN Diode Based Variable Attenuator, 50 - 1000 MHz

AT10-0019 Datasheet (HTML) - Tyco Electronics


AT10-0019 Product details

Description 
M/A-COMs AT10-0019 is a Voltage Controlled PIN diode based π attenuator packaged in a low cost, 16 lead wide body plastic SMT package. The PIN diode design makes this part well suited for applications where low distortion or high linear operating power levels are required. These attenuators are ideal for gain control in multi-channel digital communications systems.

Features 
• High Dynamic Range: 42dB Typical
• Flat Attenuation vs. Frequency
• High P1dB Compression
• Operates on a Single +5V Supply:
• SOW-16, Wide Body Package
• 50 Ohm Nominal Impedance




Similar Part No. - AT10-0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019 Datasheet
195Kb / 3P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0019 MA-COM-AT10-0019 Datasheet
77Kb / 4P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
Tyco Electronics
AT10-0019-TB MACOM-AT10-0019-TB Datasheet
195Kb / 3P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0019-TB MA-COM-AT10-0019-TB Datasheet
77Kb / 4P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
logo
Tyco Electronics
AT10-0019TR MACOM-AT10-0019TR Datasheet
195Kb / 3P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
More results


Similar Description - AT10-0019

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0019 MACOM-AT10-0019_1 Datasheet
195Kb / 3P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MACOM-MAAV-007088-000100 Datasheet
214Kb / 3P
PIN Diode Based Variable Attenuator 50 - 1000 MHz
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
Voltage Variable Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0019 MA-COM-AT10-0019 Datasheet
77Kb / 4P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
PIN Diode Based Variable Attenuator, 50 - 1000 MHz
MAAV-007088-000100 MA-COM-MAAV-007088-000100 Datasheet
78Kb / 4P
PIN Diode Based Variable
MA4VAT900-1277T MA-COM-MA4VAT900-1277T Datasheet
93Kb / 4P
HMIC PIN Diode Variable Attenuator
MAAV-007088-000100 MA-COM-MAAV-007088-000100_15 Datasheet
78Kb / 4P
PIN Diode Based Variable Attenuator
MAAV-007088 MA-COM-MAAV-007088 Datasheet
604Kb / 5P
PIN Diode Based Variable
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com