Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1437656 Datasheet (PDF) - PHOENIX CONTACT

1437656 Datasheet PDF - PHOENIX CONTACT
Part # 1437656
Download  1437656 Download
File Size   573.89 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-MSB-5CON-PG9/1,0-900SCO - Device connector, rear mounting

1437656 Datasheet (PDF)

Go To PDF Page Download Datasheet
1437656 Datasheet PDF - PHOENIX CONTACT

Part # 1437656
Download  1437656 Click to download

File Size   573.89 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-MSB-5CON-PG9/1,0-900SCO - Device connector, rear mounting

1437656 Datasheet (HTML) - PHOENIX CONTACT


1437656 Product details

Device connector, rear mounting, INTERBUS (16 Mbps), 5-position, PUR halogen-free, green
RAL 6017, shielded, Pin, straight, M12-SPEEDCON, coding: B, on free cable end, Rear
mounting, Cable lug connection, cable length: 1 m, INTERBUS, Alternative product in
accordance with RoHS II without Exemption 6c (Pb <0.1%) item no.: 1239671

Your advantages
• Preassembled with cables in various standard lengths for immediate use
• Customer-specific assemblies and cable lengths can be supplied
• Sealed on the cable side for optimum tightness of seal
• Cable designs for all common networks and fieldbuses
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1437656

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1437606-1 MACOM-1437606-1 Datasheet
55Kb / 1P
CONNECTORS B SERIES
1437606-2 MACOM-1437606-2 Datasheet
55Kb / 1P
CONNECTORS B SERIES
1437606-3 MACOM-1437606-3 Datasheet
55Kb / 1P
CONNECTORS B SERIES
1437606-4 MACOM-1437606-4 Datasheet
55Kb / 1P
CONNECTORS B SERIES
1437606-5 MACOM-1437606-5 Datasheet
55Kb / 1P
CONNECTORS B SERIES
More results


Similar Description - 1437656

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1437559 PHOENIX-1437559 Datasheet
1Mb / 13P
SACCBP-FS-5CON-PG9/5,0-920SCO - Device connector, rear mounting
1437575 PHOENIX-1437575 Datasheet
567Kb / 13P
SACCBP-MS-5CON-PG9/1,0-920SCO - Device connector, rear mounting
1437630 PHOENIX-1437630 Datasheet
1Mb / 13P
SACCBP-FSB-5CON-PG9/5,0-900SCO - Device connector, rear mounting
1239664 PHOENIX-1239664 Datasheet
473Kb / 13P
SACCBP-MS-5CON-PG9/2,0-920SCOX - Device connector, rear mounting
1239662 PHOENIX-1239662 Datasheet
473Kb / 13P
SACCBP-MS-5CON-PG9/0,5-920SCOX - Device connector, rear mounting
1437452 PHOENIX-1437452 Datasheet
1Mb / 12P
SACCBP-FSB-2CON-PG9/1,0-910SCO - Device connector, rear mounting
1437614 PHOENIX-1437614 Datasheet
1Mb / 13P
SACCBP-FSB-5CON-PG9/1,0-900SCO - Device connector, rear mounting
1437737 PHOENIX-1437737 Datasheet
507Kb / 14P
SACCBP-MSD-4CON-PG9/1,0-931SCO - Device connector, rear mounting
1437562 PHOENIX-1437562 Datasheet
464Kb / 13P
SACCBP-MS-5CON-PG9/0,5-920SCO - Device connector, rear mounting
1437591 PHOENIX-1437591 Datasheet
463Kb / 13P
SACCBP-MS-5CON-PG9/5,0-920SCO - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com