Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

686730119001 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

686730119001 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 686730119001
Download  686730119001 Download
File Size   253.9 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-FFC Folding Flat Flexible Cable 1 x 19 folds

686730119001 Datasheet (PDF)

Go To PDF Page Download Datasheet
686730119001 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 686730119001
Download  686730119001 Click to download

File Size   253.9 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-FFC Folding Flat Flexible Cable 1 x 19 folds

686730119001 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


686730119001 Product details

General Information:
Operating Temperature -30 up to +105 °C
Heat Resistance 110 °C x 96 HRS
Flammability Rating according to UL SUB.758
Moisture Resistance 40 °C, 95 % RH x 96 HRS




Similar Part No. - 686730119001

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
686730100001 WURTH-686730100001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
686730141001 WURTH-686730141001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
686730152001 WURTH-686730152001 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
More results


Similar Description - 686730119001

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
686610119001 WURTH-686610119001 Datasheet
252Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
686616119001 WURTH-686616119001 Datasheet
251Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
686620119001 WURTH-686620119001 Datasheet
251Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
686712119001 WURTH-686712119001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
686716119001 WURTH-686716119001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
686720119001 WURTH-686720119001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
687620119002 WURTH-687620119002 Datasheet
243Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
687640119002 WURTH-687640119002 Datasheet
243Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
687650119002 WURTH-687650119002 Datasheet
244Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
687750119002 WURTH-687750119002 Datasheet
243Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com