Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1552379 Datasheet (PDF) - PHOENIX CONTACT

1552379 Datasheet PDF - PHOENIX CONTACT
Part # 1552379
Download  1552379 Download
File Size   374.56 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-M12MSD-4CON-M16/5,0-933 - Device connector, rear mounting

1552379 Datasheet (PDF)

Go To PDF Page Download Datasheet
1552379 Datasheet PDF - PHOENIX CONTACT

Part # 1552379
Download  1552379 Click to download

File Size   374.56 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACCBP-M12MSD-4CON-M16/5,0-933 - Device connector, rear mounting

1552379 Datasheet (HTML) - PHOENIX CONTACT


1552379 Product details

Device connector, rear mounting, PROFINET CAT5 (IEC 11801:2002), 4-position, PVC/PVC,
green RAL 6018, Pin, straight, M12, coding: D, on free cable end, Rear mounting, M16 x 1.5,
Bus line, cable length: 5 m, PROFINET, Alternative product in accordance with RoHS II without
Exemption 6c (Pb <0.1%) item no.: 1240019




Similar Part No. - 1552379

ManufacturerPart #DatasheetDescription
logo
3M Electronics
155230-2200-RA 3M-155230-2200-RA Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
155230-2200-RA-WX 3M-155230-2200-RA-WX Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
155230-2200-RB 3M-155230-2200-RB Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
155230-2200-RB-WX 3M-155230-2200-RB-WX Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
155230-2300-RA 3M-155230-2300-RA Datasheet
1Mb / 7P
Latch/Eject Header - 2 mm x 2 mm Straight & Right Angle, Through-Hole, Straight, Surface Mount
16-Sep-2008
More results


Similar Description - 1552379

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1419302 PHOENIX-1419302 Datasheet
609Kb / 16P
SACCBP-FS-4CON-M16/1,0-PUR SCO - Device connector, rear mounting
1551574 PHOENIX-1551574 Datasheet
433Kb / 12P
SACCBP-M12MSD-4CON-M16/1,0-931 - Device connector, rear mounting
1552366 PHOENIX-1552366 Datasheet
374Kb / 11P
SACCBP-M12MSD-4CON-M16/2,0-933 - Device connector, rear mounting
1429127 PHOENIX-1429127 Datasheet
374Kb / 9P
SACCBP-M12FS-6CON-M16/5,0-970 - Device connector, rear mounting
1552353 PHOENIX-1552353 Datasheet
368Kb / 11P
SACCBP-M12MSD-4CON-M16/1,0-933 - Device connector, rear mounting
1239594 PHOENIX-1239594 Datasheet
281Kb / 7P
SACCBP-M12MS-6CON-M16/5,0-970X - Device connector, rear mounting
1429088 PHOENIX-1429088 Datasheet
380Kb / 9P
SACCBP-M12MS-6CON-M16/5,0-970 - Device connector, rear mounting
1534371 PHOENIX-1534371 Datasheet
427Kb / 11P
SACCBP-M12MSB-2CON-M16/5,0-910 - Device connector, rear mounting
1534575 PHOENIX-1534575 Datasheet
1Mb / 12P
SACCBP-M12FSB-5CON-M16/5,0-900 - Device connector, rear mounting
1239949 PHOENIX-1239949 Datasheet
432Kb / 13P
SACCBP-M12FSD-4CON-M16/5,0-931X - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com