Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1607328 Datasheet (PDF) - PHOENIX CONTACT

1607328 Datasheet PDF - PHOENIX CONTACT
Part # 1607328
Download  1607328 Download
File Size   505.5 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-17P1N8AAD00 - Device connector front mounting

1607328 Datasheet (PDF)

Go To PDF Page Download Datasheet
1607328 Datasheet PDF - PHOENIX CONTACT

Part # 1607328
Download  1607328 Click to download

File Size   505.5 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description RF-17P1N8AAD00 - Device connector front mounting

1607328 Datasheet (HTML) - PHOENIX CONTACT


1607328 Product details

Device connector front mounting, angled rotatable, Screw locking mechanism, M23, number of
positions: 17, contact connection type: Pin, Axial O-ring, 4x Ø 3.2, shielded: yes, flange
dimensions: 26 mm x 26 mm, degree of protection: IP67, number of positions: 17, connection
method: Crimp connection, series: RF

Your advantages
• Easy connection, thanks to infinitely adjustable cable outlet direction up to 310°
• Safe use in the field, thanks to high degree of protection
• Connector for flexible on-site assembly
• Consistent EMC protection for reliable connection solutions in the industrial environment
• Crimping connection: vibration- and temperature-resistant assembly




Similar Part No. - 1607328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607322 PHOENIX-1607322 Datasheet
55Kb / 4P
Contact insert set - VC-AR3/4M-S2222-SET
1607323 PHOENIX-1607323 Datasheet
405Kb / 10P
RF-17P1N8A80DU - Cable connector
1607325 PHOENIX-1607325 Datasheet
395Kb / 11P
RF-17P1N8A9003 - Coupler connector
More results


Similar Description - 1607328

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1607821 PHOENIX-1607821 Datasheet
135Kb / 8P
Device connector, front mounting - RF-12P2S8AW400
09/11/2020
1607236 PHOENIX-1607236 Datasheet
539Kb / 14P
RF-12P1N8AWA00 - Device connector front mounting
1607260 PHOENIX-1607260 Datasheet
488Kb / 12P
RF-12P2N8AWA00 - Device connector front mounting
1607283 PHOENIX-1607283 Datasheet
544Kb / 14P
RF-12S1N8AWA00 - Device connector front mounting
1607307 PHOENIX-1607307 Datasheet
541Kb / 14P
RF-12S2N8AWA00 - Device connector front mounting
1607860 PHOENIX-1607860 Datasheet
538Kb / 14P
RF-17P1N8AWA00 - Device connector front mounting
1607893 PHOENIX-1607893 Datasheet
555Kb / 14P
RF-17S1N8AWB00 - Device connector front mounting
1613766 PHOENIX-1613766 Datasheet
376Kb / 8P
RF-16P1N8AWA00 - Device connector front mounting
1607269 PHOENIX-1607269 Datasheet
503Kb / 13P
RF-12P2S8AAD00 - Device connector front mounting
1607822 PHOENIX-1607822 Datasheet
511Kb / 14P
RF-12P2S8AWB00 - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com