Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

687740141002 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

687740141002 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 687740141002
Download  687740141002 Download
File Size   242.95 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-FFC Folding Flat Flexible Cable 1 x 41 folds

687740141002 Datasheet (PDF)

Go To PDF Page Download Datasheet
687740141002 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 687740141002
Download  687740141002 Click to download

File Size   242.95 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WR-FFC Folding Flat Flexible Cable 1 x 41 folds

687740141002 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


687740141002 Product details

General Information:
Operating Temperature -30 up to +105 °C
Heat Resistance 110 °C x 96 HRS
Flammability Rating according to UL SUB.758
Moisture Resistance 40 °C, 95 % RH x 96 HRS




Similar Part No. - 687740141002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
687740100002 WURTH-687740100002 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
687740119002 WURTH-687740119002 Datasheet
243Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 19 folds
001.002
687740152002 WURTH-687740152002 Datasheet
249Kb / 5P
WR-FFC Flat Flexible Cable
001.002
More results


Similar Description - 687740141002

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
686610141001 WURTH-686610141001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
686612141001 WURTH-686612141001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
686616141001 WURTH-686616141001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
686620141001 WURTH-686620141001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
686710141001 WURTH-686710141001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
686716141001 WURTH-686716141001 Datasheet
253Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
687620141002 WURTH-687620141002 Datasheet
244Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
687640141002 WURTH-687640141002 Datasheet
244Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
687650141002 WURTH-687650141002 Datasheet
244Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
687730141002 WURTH-687730141002 Datasheet
242Kb / 5P
WR-FFC Folding Flat Flexible Cable 1 x 41 folds
001.002
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com