Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4051L-P16-R Datasheet (PDF) - Unisonic Technologies

4051L-P16-R Datasheet PDF - Unisonic Technologies
Part # 4051L-P16-R
Download  4051L-P16-R Download
File Size   125.07 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS

4051L-P16-R Datasheet (PDF)

Go To PDF Page Download Datasheet
4051L-P16-R Datasheet PDF - Unisonic Technologies

Part # 4051L-P16-R
Download  4051L-P16-R Click to download

File Size   125.07 Kbytes
Page   6 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS

4051L-P16-R Datasheet (HTML) - Unisonic Technologies


4051L-P16-R Product details

■ DESCRIPTION
UTC 4051 is single 8-channel analog multiplexers/demultiplexers for application as digitally–controlled analog switches.
The device has three binary control inputs and an inhibit input. It feature low ON impedance and very low OFF leakage current. Control of analog signals up to the complete supply voltage range can be achieved.

■ FEATURES
* Wide Analog Voltage Range: VDD–VEE = 3V~18V.
   (Note: VEE must be ≤ VSS)
* Break-Before-Make Switching Eliminates Channel Overlap.
* Linearized Transfer Characteristics
* Implement an SP8T solid state switch effectively.
* Pin–to–Pin Replacement for CD4051




Similar Part No. - 4051L-P16-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
4051L-P16-R UTC-4051L-P16-R Datasheet
164Kb / 7P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051L-P16-R UTC-4051L-P16-R Datasheet
260Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051L-P16-R UTC-4051L-P16-R Datasheet
216Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results


Similar Description - 4051L-P16-R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LV4051A TI-SN54LV4051A Datasheet
548Kb / 19P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_08 Datasheet
900Kb / 23P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A TI-SN54LV4051A_10 Datasheet
905Kb / 23P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
SN54LV4051A_101 TI-SN54LV4051A_101 Datasheet
802Kb / 23P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Unisonic Technologies
4051 UTC-4051_07 Datasheet
164Kb / 7P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
4051 UTC-4051_12 Datasheet
260Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74HC4052 RENESAS-HD74HC4052_15 Datasheet
163Kb / 14P
Dual 4-channel Analog Multiplexers/Demultiplexers Triple 2-channel Analog Multiplexers/Demultiplexers
logo
Unisonic Technologies
4051 UTC-4051_15 Datasheet
333Kb / 8P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
logo
Texas Instruments
SN74LV4051A TI1-SN74LV4051A_15 Datasheet
1Mb / 33P
8-Channel Analog Multiplexers and Demultiplexers
logo
Unisonic Technologies
4051 UTC-4051_18 Datasheet
216Kb / 6P
8-CHANNEL ANALOG MULTIPLEXERS/DEMULTIPLEXERS
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com