Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1812BL-S8-R Datasheet (PDF) - Unisonic Technologies

1812BL-S8-R Datasheet PDF - Unisonic Technologies
Part # 1812BL-S8-R
Download  1812BL-S8-R Download
File Size   91.85 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SINGLE SOUND GENERATOR

1812BL-S8-R Datasheet (PDF)

Go To PDF Page Download Datasheet
1812BL-S8-R Datasheet PDF - Unisonic Technologies

Part # 1812BL-S8-R
Download  1812BL-S8-R Click to download

File Size   91.85 Kbytes
Page   8 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description SINGLE SOUND GENERATOR

1812BL-S8-R Datasheet (HTML) - Unisonic Technologies


1812BL-S8-R Product details

DESCRIPTION
The UTC 1812A/1812B/1813 is a CMOS LSI chip designed for use in sound effect products .It is equipped with tone circuit, noise circuit and other control logic to generate different sounds including rifle gun, machine gun, booming sound, door bell, alarm etc. The customer supplied sound source can be analyzed and programmed into an internal ROM by changing a mask layer during device fabrication. The UTC 1812A/1812B/1813 is suitable for various toy applications.

FEATURES
* Single power supply: 2.4~3.3V
* Low standby current at 3V, 1µA typ
* Auto power-off function
* Speaker or direct piezo. application
* Built-in envelope control circuit
* 1Hz-8Hz programmable LED flash output
* Minimum external components
* Low operating current
* Strong driving capability




Similar Part No. - 1812BL-S8-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
1812BL-S08-R UTC-1812BL-S08-R Datasheet
215Kb / 7P
SINGLE SOUND GENERATOR
1812BL-S08-T UTC-1812BL-S08-T Datasheet
215Kb / 7P
SINGLE SOUND GENERATOR
More results


Similar Description - 1812BL-S8-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AY3-8910 ETC-AY3-8910 Datasheet
532Kb / 5P
PROGRAMMABLE SOUND GENERATOR
EV0100 ETC-EV0100 Datasheet
102Kb / 2P
SINGLE TONE SIREN/ALARM SOUND GENERATOR
logo
Holtek Semiconductor In...
HT2812 HOLTEK-HT2812 Datasheet
343Kb / 17P
Single Sound Generator
10th July 97
HT2813 HOLTEK-HT2813 Datasheet
292Kb / 13P
Single Sound Generator
10th July 97
HT2821 HOLTEK-HT2821 Datasheet
246Kb / 9P
Dual Sound Generator
10th July 97
HT2860 HOLTEK-HT2860 Datasheet
553Kb / 9P
6-Sound Generator
11th July 97
HT2844 HOLTEK-HT2844 Datasheet
1Mb / 18P
4-Sound Generator
11th July 97
logo
List of Unclassifed Man...
AY-3-8910 ETC1-AY-3-8910 Datasheet
655Kb / 8P
Programmable Sound Generator
logo
Unisonic Technologies
1812A UTC-1812A_12 Datasheet
215Kb / 7P
SINGLE SOUND GENERATOR
1812A UTC-1812A_15 Datasheet
301Kb / 8P
SINGLE SOUND GENERATOR
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com