Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27L566 Datasheet (PDF) - List of Unclassifed Manufacturers

27L566 Datasheet PDF - List of Unclassifed Manufacturers
Part # 27L566
Download  27L566 Download
File Size   340.7 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Motor Run Capacitors – Gem III 370 and 440 Volts AC

27L566 Datasheet (PDF)

Go To PDF Page Download Datasheet
27L566 Datasheet PDF - List of Unclassifed Manufacturers

Part # 27L566
Download  27L566 Click to download

File Size   340.7 Kbytes
Page   8 Pages
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers
Description Motor Run Capacitors – Gem III 370 and 440 Volts AC

27L566 Datasheet (HTML) - List of Unclassifed Manufacturers


27L566 Product details

SPECIFICATIONS:
Available Capacitance Range: 2 to 120 μF
Capacitance Tolerance: ± 6%
Capacitance Variation with Temperature: See chart M-3 on page 9.
Rated Voltage: See Rating Tables. Rating is the 50/60 Hz RMS voltage
for a sinusoidal waveform.
Leakage Current: 30 μA maximum
Frequency: 50/60 Hz For higher frequencies use the General Purpose
AC Capacitor Series.
Operating Temperature: -40 °C to +70 °C
Storage Temperature: -40 °C to +90 °C
Operating Life: 60,000 hours with 94% survival
Dissipation Factor: 0.1% maximum
Case Material/Finish: Unpainted Aluminum case, tern plate steel cover.
Contact RBC if material/finish to meet UL outdoor
standards is required.




Similar Part No. - 27L566

ManufacturerPart #DatasheetDescription
logo
Macronix International
27L512-12 MCNIX-27L512-12 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
27L512-15 MCNIX-27L512-15 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
27L512-20 MCNIX-27L512-20 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
27L512-25 MCNIX-27L512-25 Datasheet
760Kb / 14P
512K-BIT [64K x 8] CMOS EPROM
More results


Similar Description - 27L566

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32320 EPCOS-B32320 Datasheet
237Kb / 6P
AC Film Capacitors Motor Run
B32324 EPCOS-B32324 Datasheet
287Kb / 6P
AC Film Capacitors Motor Run
B32327 EPCOS-B32327 Datasheet
346Kb / 6P
AC Film Capacitors Motor Run
B32328 EPCOS-B32328 Datasheet
212Kb / 6P
AC Film Capacitors Motor Run
B32330 EPCOS-B32330 Datasheet
327Kb / 5P
AC Film Capacitors Motor run
B32335 EPCOS-B32335 Datasheet
234Kb / 7P
AC Film Capacitors Motor run
logo
Illinois Capacitor, Inc...
104MABA05KG ILLINOISCAPACITOR-104MABA05KG Datasheet
402Kb / 6P
AC/Motor Run Film Capacitors
104MABA01KG ILLINOISCAPACITOR-104MABA01KG_13 Datasheet
482Kb / 4P
AC/Motor Run Film Capacitors
logo
TDK Electronics
B32320 TDK-B32320 Datasheet
215Kb / 8P
AC Film Capacitors, Motor Run Capacitors
logo
Cornell Dubilier Electr...
MPF CDE-MPF Datasheet
347Kb / 4P
AC Motor Run Capacitors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com