Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RES Datasheet (PDF) - List of Unclassifed Manufacturers

RES Datasheet PDF - List of Unclassifed Manufacturers
Part # RES_20
Download  RES Download
File Size   340.42 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std

RES Datasheet (PDF)

Go To PDF Page Download Datasheet
RES Datasheet PDF - List of Unclassifed Manufacturers

Part # RES_20
Download  RES Click to download

File Size   340.42 Kbytes
Page   2 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std

RES Datasheet (HTML) - List of Unclassifed Manufacturers


RES Product details

Feature s
• Rugged vitreous enamel coating withstands high
humidity and temperature cycling.
• Durable construction, recommended for industrial
applications where reliability is paramount.
• All-welded construction.
• Flame resistant lead free vitreous enamel coating.
• RoHS compliant; Add “E” suffix to part number to
specify.
The 20 Series axial terminal resistors are both
durable and economical. They have all the electrical
attributes of the more expensive 90 Series resistors,
including all-welded construction.
They offer the durability of a lead free conformal
vitreous enamel coating and are ideal for computer,
communications and industrial applications in which
cost, quality, and reliability are key considerations.




Similar Part No. - RES_20

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
RES-20 COOPER-RES-20 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-20 COOPER-RES-20 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
RES-20 COOPER-RES-20 Datasheet
1Mb / 5P
REN (250V) RES (600V) Renewable Class H Fuses
logo
Ohmite Mfg. Co.
RES-20 OHMITE-RES-20 Datasheet
328Kb / 2P
All-welded construction
logo
Eaton All Rights Reserv...
RES-20 EATON-RES-20 Datasheet
615Kb / 5P
REN (250V) and RES (600V) Renewable Class H size fuses
More results


Similar Description - RES_20

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
VT-3 RIEDON-VT-3 Datasheet
281Kb / 2P
Vitreous Enamel Wirewound Resistors
logo
List of Unclassifed Man...
91NJR10E ETC2-91NJR10E Datasheet
189Kb / 2P
Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
logo
Ohmite Mfg. Co.
21JR10E OHMITE-21JR10E Datasheet
194Kb / 1P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
91NJ1R0E OHMITE-91NJ1R0E Datasheet
210Kb / 2P
Lead Free Vitreous Enamel Molded Axial Term. Wirewound, 5% Tolerance Standard
20J500 OHMITE-20J500 Datasheet
207Kb / 1P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
45F120 OHMITE-45F120 Datasheet
213Kb / 1P
Ohmicone짰 Silicone-Ceramic Conformal Axial Term. Wirewound, 1% and 5% Tol. Std.
logo
Riedon Powertron
VT-3 RIEDON-VT-3_13 Datasheet
159Kb / 2P
Vitreous Enamel Wirewound Resistors
logo
Ohmite Mfg. Co.
25J50RE OHMITE-25J50RE Datasheet
207Kb / 1P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Standard
23JR30E OHMITE-23JR30E Datasheet
330Kb / 2P
Vitreous Enamel Conformal Axial Terminal Wirewound, 5% Tolerance Std.
logo
Vishay Siliconix
G200 VISHAY-G200 Datasheet
133Kb / 7P
Axial Vitreous Leaded Wirewound Resistors
28-Mar-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com