Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MEDIA Datasheet (PDF) - IXYS Corporation

MEDIA Datasheet PDF - IXYS Corporation
Part # MEDIA
Download  MEDIA Download
File Size   250.74 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description INTEGRATED CIRCUITS DIVISION

MEDIA Datasheet (PDF)

Go To PDF Page Download Datasheet
MEDIA Datasheet PDF - IXYS Corporation

Part # MEDIA
Download  MEDIA Click to download

File Size   250.74 Kbytes
Page   7 Pages
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation
Description INTEGRATED CIRCUITS DIVISION

MEDIA Datasheet (HTML) - IXYS Corporation


MEDIA Product details

Features
• Load Current up to 20Arms with 5°C/W Heat Sink
• 800VP Blocking Voltage
• 5mA Control Current
• Zero-Cross Switching
• Isolated, Low Thermal Impedance Ceramic Pad for
Heat Sink Applications
• 2500Vrms Isolation, Input to Output
• DC Control, AC Output
• Optically Isolated
• Low EMI and RFI Generation
• High Noise Immunity
• Flammability Rating UL 94 V-0
Applications
• Programmable Control
• Process Control
• Power Control Panels
• Remote Switching
• Gas Pump Electronics
• Contactors
• Large Relays
• Solenoids
• Motors
• Heaters
Approvals
• UL 508 Recognized Component: File E69938
Description
CPC1998J is an AC Solid State Switch utilizing dual
power SCR outputs. This device also includes
zero-cross turn-on circuitry and is specified with an
800VP blocking voltage.
Tightly controlled zero-cross circuitry ensures low
noise switching of AC loads by minimizing the
generation of transients. The optically coupled input
and output circuits provide exceptional noise immunity
and 2500Vrms of isolation between the control and the
output. As a result, the CPC1998J is well suited for
industrial environments where electromagnetic
interference would disrupt the operation of plant facility
communications and control systems.
The unique i4-PAC package pioneered by IXYS allows
Solid State Relays to achieve the highest load current
and power ratings. This package features a unique
IXYS process in which the silicon chips are soft
soldered onto the Direct Copper Bond (DCB)
substrate instead of the traditional copper leadframe.
The DCB ceramic, the same substrate used in high
power modules, not only provides 2500Vrms isolation
but also very low junction-to-case thermal impedance
(0.35 °C/W)




Similar Part No. - MEDIA

ManufacturerPart #DatasheetDescription
logo
AG Electronica
MEDI-LIPO AGELECTRONICA-MEDI-LIPO Datasheet
303Kb / 1P
Monitor de Voltaje Para Bateria de Tecnologia Li-Po.
15/01/2018
More results


Similar Description - MEDIA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NN5099K ETC-NN5099K Datasheet
383Kb / 9P
IC DIVISION
logo
NXP Semiconductors
UAA3592 PHILIPS-UAA3592 Datasheet
59Kb / 12P
Wideband code division multiple access frequency division duplex power amplifier
2002 Jul 02
logo
MRV Communications, Inc...
EM316GEMX2R MRV-EM316GEMX2R Datasheet
659Kb / 3P
Time Division Multiplexers
logo
Tyco Electronics
003347-000 MACOM-003347-000 Datasheet
18Kb / 1P
Thermofit Division Europe
logo
Intel Corporation
82576EB INTEL-82576EB Datasheet
7Mb / 956P
LAN Access Division
logo
Tyco Electronics
2-1190212-3 MACOM-2-1190212-3 Datasheet
54Kb / 2P
Interconnect Division Europe
logo
MRV Communications, Inc...
EM316GEMX4R MRV-EM316GEMX4R Datasheet
396Kb / 2P
Time Division Multiplexers
logo
Sharp Corporation
IR3E3074 SHARP-IR3E3074 Datasheet
1Mb / 24P
Product Development Dept. I Analog Ic Division Integrated Circuits Group SHARP CORPORATION
logo
OPLINK Communications I...
AWGM5 OPLINK-AWGM5 Datasheet
272Kb / 2P
Division Multiplexer/Demultiplexer
logo
Linkage Goston Electron...
SM2211E LINKAGE-SM2211E Datasheet
1Mb / 7P
Standoff Light / Thermothermal LIne-DIvIsIon LIne-DIvIsIon
More results




About IXYS Corporation


IXYS Corporation is a technology company that specializes in the design, manufacture, and sale of power semiconductors and integrated circuits (ICs). The company was founded in 1983 and is headquartered in Milpitas, California. IXYS has a global presence, with operations and customers in over 60 countries around the world.

IXYS provides a wide range of products and solutions, including power MOSFETs, power bipolar transistors, thyristors, diodes, and ICs for power management and control applications. The company's products are used in a variety of applications, including renewable energy, industrial, automotive, and consumer electronics.

IXYS is known for its expertise in power semiconductor technology and its ability to provide high-performance and cost-effective solutions to its customers. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the power semiconductor market. IXYS is a recognized leader in the power semiconductor market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com