Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN52000 Datasheet (PDF) - SONiX Technology Company

SN52000 Datasheet PDF - SONiX Technology Company
Part # SN52000
Download  SN52000 Download
File Size   345.11 Kbytes
Page   11 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 2-Channel Speech Controller

SN52000 Datasheet (PDF)

Go To PDF Page Download Datasheet
SN52000 Datasheet PDF - SONiX Technology Company

Part # SN52000
Download  SN52000 Click to download

File Size   345.11 Kbytes
Page   11 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 2-Channel Speech Controller

SN52000 Datasheet (HTML) - SONiX Technology Company


SN52000 Product details

INTRODUCTION
SN52020 is a 20 seconds single chip 2-channel voice synthesizer IC which contains I/O pins and a tiny controller. By programming through the tiny controller, users’ applications including section combination, trigger modes, output status, high performance melody, multiple voices, and other logic functions can be implemented.

FEATURES
♦ Single power supply 2.4V – 5.5V
♦ Built in a tiny controller
♦ 20 seconds voice capacity are provided
♦ 64*4 bits RAM are provided
♦ ROM Size
   − Maximum 64K*10 bits ROM size
   - 64K program ROM is provided
♦ Readable ROM code data
♦ I/O Ports
   - One 4-bit I/O ports P3
   - The driving/sink current of P3.2 & P3.3 are 8mA/16mA
♦ Built in a high quality speech synthesizer
♦ Two independent voice channels
♦ Adaptive playing speed from 4k-40kHz is provided for all 2 channels individually
♦ A 6-bit*8-bit Multiplier is embed to modulate the volume of synthesized voices
♦ One digital mixers (with saturation control) are provided
♦ Built in an 8-level volume control Analog Push-Pull Direct Drive circuit.
♦ System clock: 2M Hz (RC-type or Crystal Option)
♦ Low Voltage Reset
♦ Built-in WDT function
♦ Built-in Event Mark Function




Similar Part No. - SN52000

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN52000 SONIX-SN52000 Datasheet
345Kb / 11P
2-Channel Speech Controller
More results


Similar Description - SN52000

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SN66007 SONIX-SN66007 Datasheet
104Kb / 5P
2-Channel Speech Controller
SN66010 SONIX-SN66010 Datasheet
104Kb / 5P
2-Channel Speech Controller
SN52010 SONIX-SN52010 Datasheet
345Kb / 11P
2-Channel Speech Controller
SN56340 SONIX-SN56340 Datasheet
378Kb / 11P
4-Channel Speech Controller
SN66020B SONIX-SN66020B Datasheet
303Kb / 11P
4-Channel Speech Controller
SNC678 SONIX-SNC678_05 Datasheet
421Kb / 14P
4-Channel Speech Controller
SNC12012 SONIX-SNC12012 Datasheet
351Kb / 9P
One Channel Speech Controller
SNC12016 SONIX-SNC12016 Datasheet
361Kb / 9P
One Channel Speech Controller
SNC12020 SONIX-SNC12020 Datasheet
361Kb / 9P
One Channel Speech Controller
SNC12030 SONIX-SNC12030 Datasheet
351Kb / 9P
One Channel Speech Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com