Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IR2233 Datasheet (PDF) - International Rectifier

IR2233 Datasheet PDF - International Rectifier
Part # IR2233
Download  IR2233 Download
File Size   97.18 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive

IR2233 Datasheet (PDF)

Go To PDF Page Download Datasheet
IR2233 Datasheet PDF - International Rectifier

Part # IR2233
Download  IR2233 Click to download

File Size   97.18 Kbytes
Page   9 Pages
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier
Description Reference Design Kit: 3-Phase 460VAC 3HP Motor Drive

IR2233 Datasheet (HTML) - International Rectifier




Similar Part No. - IR2233

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR2233 IRF-IR2233 Datasheet
218Kb / 12P
3-PHASE BRIDGE DRIVER
IR2233 IRF-IR2233 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR2233 IRF-IR2233 Datasheet
433Kb / 27P
3-PHASE BRIDGE DRIVER
IR2233 IRF-IR2233 Datasheet
433Kb / 27P
Floating channel designed for bootstrap operation Fully operational to 600V or1200V Tolerant to negative transient voltage dV/dt immune
logo
Infineon Technologies A...
IR2233 INFINEON-IR2233 Datasheet
436Kb / 27P
3-PHASE BRIDGE DRIVER
Data Sheet No. PD60107 revX
More results


Similar Description - IR2233

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRMDAC2 IRF-IRMDAC2 Datasheet
100Kb / 9P
IR2133 Reference Design Kit: 3-Phase 230VAC 3HP Motor Drive 3-Phase 230VAC 3HP Motor Drive
logo
Silicon Laboratories
AN155 SILABS-AN155 Datasheet
546Kb / 36P
STEPPER MOTOR REFERENCE DESIGN
logo
OSRAM GmbH
RD-040 OSRAM-RD-040 Datasheet
40Kb / 1P
Reference Design Kit
logo
International Rectifier
IRMD2336DJ IRF-IRMD2336DJ Datasheet
3Mb / 27P
3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
IRMD26310DJ IRF-IRMD26310DJ Datasheet
3Mb / 28P
3 PHASE GATE DRIVER IC REFERENCE DESIGN KIT
logo
Silicon Laboratories
UG124 SILABS-UG124 Datasheet
496Kb / 18P
ZigBee Contact Sensor Reference Design Kit
logo
AVAGO TECHNOLOGIES LIMI...
ADNK-7053-ND24 AVAGO-ADNK-7053-ND24 Datasheet
98Kb / 6P
Complete laser mouse reference design kit
logo
Sanken electric
SMA5135 SANKEN-SMA5135 Datasheet
484Kb / 9P
3-phase Motor Drive Inverter
logo
Soshin electric Co., Lt...
HF3000C-TMA SOSHIN-HF3000C-TMA Datasheet
185Kb / 4P
3-phase 3-line 460VAC
logo
List of Unclassifed Man...
STDP4020-RD1 ETC1-STDP4020-RD1 Datasheet
636Kb / 14P
Reference Design Eval Kit
More results




About International Rectifier


International Rectifier (IR) was an American company that specialized in the design and manufacture of power management and power control semiconductors.
The company was founded in 1947 and was headquartered in El Segundo, California.
IR provided a wide range of products including power management ICs, power MOSFETs, IGBTs, and other power control products.
The company's products were used in various applications such as computing, telecommunications, and industrial automation.
IR was known for its expertise in power management and control technology and its ability to deliver high-quality and reliable products to its customers.
In 2014, IR was acquired by Infineon Technologies, a leading provider of power management and control products and other semiconductor solutions.
The International Rectifier brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com