Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENG_DS_MS4525DO Datasheet (PDF) - TE Connectivity Ltd

ENG_DS_MS4525DO Datasheet PDF - TE Connectivity Ltd
Part # ENG_DS_MS4525DO
Download  ENG_DS_MS4525DO Download
File Size   902.56 Kbytes
Page   20 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SPECIFICATIONS

ENG_DS_MS4525DO Datasheet (PDF)

Go To PDF Page Download Datasheet
ENG_DS_MS4525DO Datasheet PDF - TE Connectivity Ltd

Part # ENG_DS_MS4525DO
Download  ENG_DS_MS4525DO Click to download

File Size   902.56 Kbytes
Page   20 Pages
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd
Description SPECIFICATIONS

ENG_DS_MS4525DO Datasheet (HTML) - TE Connectivity Ltd


ENG_DS_MS4525DO Product details

FEATURES
 PSI Pressure Ranges
 PCB Mountable
 Digital Output
 Barbed Pressure Ports
APPLICATIONS
 Blocked Filter Detection
 Altitude and Airspeed Measurements
 Medical Instruments
 Fire Suppression System
 Panel Meter
 Air Movement/Environmental Controls
 Pneumatic Controls
The MS4525DO is a small, ceramic based, PCB mounted
pressure transducer from TE Connectivity. The transducer is built
using our proprietary UltraStable™ process and the latest CMOS
sensor conditioning circuitry to create a low cost, high
performance digital output pressure (14bit) and temperature
(11bit) transducer designed to meet the strictest requirements
from OEM customers.
The MS4525DO is fully calibrated and temperature compensated
with a total error band (TEB) of less than 1.0% over the
compensated pressure range. The sensor operates from single
supply of either 3.3 or 5.0VDC and requires a single external
component for proper operation
The rugged ceramic transducer is available in side port, top port,
and manifold mount and can measure absolute, gauge,
differential, vacuum or compound pressure from 1 to 150psi. The
1/8” barbed pressure ports mate securely with 3/32” ID tubing.




Similar Part No. - ENG_DS_MS4525DO

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
ENG_DS_1-1773948-2 TEC-ENG_DS_1-1773948-2 Datasheet
2Mb / 3P
STANDARD FASTON TERMINAL LINE
ENG_DS_2207 TEC-ENG_DS_2207 Datasheet
5Mb / 9P
2.54 mm Wire-to-Board Connectors
03/22
More results


Similar Description - ENG_DS_MS4525DO

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SM06103370 AMETHERM-SM06103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06154450 AMETHERM-SM06154450 Datasheet
97Kb / 2P
Electrical Specifications: Mechanical Specifications:
SM06223395-HT AMETHERM-SM06223395-HT Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503395 AMETHERM-SM06503395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06503410 AMETHERM-SM06503410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM06623410 AMETHERM-SM06623410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103350 AMETHERM-SM08103350 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103370 AMETHERM-SM08103370 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08103395 AMETHERM-SM08103395 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
SM08154410 AMETHERM-SM08154410 Datasheet
94Kb / 1P
Electrical Specifications: Mechanical Specifications:
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com