Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC202 Datasheet (PDF) - SONiX Technology Company

SNC202 Datasheet PDF - SONiX Technology Company
Part # SNC202
Download  SNC202 Download
File Size   329.42 Kbytes
Page   11 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Direct Drive Speech Controller

SNC202 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC202 Datasheet PDF - SONiX Technology Company

Part # SNC202
Download  SNC202 Click to download

File Size   329.42 Kbytes
Page   11 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description Direct Drive Speech Controller

SNC202 Datasheet (HTML) - SONiX Technology Company


SNC202 Product details

INTRODUCTION
SNC202 is a single channel voice synthesizer IC with PWM direct drive circuit. It built-in a 4-bit tiny controller with one 4-bit I/O port. By programming through the tiny controller in SNC202, user’s varied applications including voice section combination, key trigger arrangement, output control, and other logic functions can be easily implemented.

FEATURES
♦ Single power supply 2.4V – 5.5V
♦ 6 seconds voice capacity are provided (@6KHZ sample rate)
♦ Built in a 4-bit tiny controller
    Where P3.2, P3.3 can direct drive LED (8mA for driving, 16mA for sink)
♦ One 4-bit I/O port is provided
♦ 32*4 bits RAM are provided
♦ 20K*10 ROM size are provided for voice data and program
♦ Maximum 16K program ROM is provided
♦ Readable ROM code data
♦ Built in a high quality speech synthesizer
♦ Adaptive playing speed from 2.5k-20kHz is provided
♦ Built in a PWM Direct Drive circuit and a fixed current D/A output
♦ 8-level volume control for PWM Direct Drive output
♦ System clock: 2MHz
♦ Low Power Reset




Similar Part No. - SNC202

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
Direct Drive Speech Controller
More results


Similar Description - SNC202

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC203 SONIX-SNC203 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC204 SONIX-SNC204 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC205 SONIX-SNC205 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC206 SONIX-SNC206 Datasheet
340Kb / 11P
Direct Drive Speech Controller
SNC20AS SONIX-SNC20AS Datasheet
100Kb / 11P
Direct Drive Speech Controller
SNC202S SONIX-SNC202S Datasheet
97Kb / 11P
Direct Drive Speech Controller
SNC204S SONIX-SNC204S Datasheet
101Kb / 11P
Direct Drive Speech Controller
SNC207S SONIX-SNC207S Datasheet
100Kb / 11P
Direct Drive Speech Controller
SNC208S SONIX-SNC208S Datasheet
100Kb / 11P
Direct Drive Speech Controller
SNC209S SONIX-SNC209S Datasheet
100Kb / 11P
Direct Drive Speech Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com