Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC21030 Datasheet (PDF) - SONiX Technology Company

SNC21030 Datasheet PDF - SONiX Technology Company
Part # SNC21030
Download  SNC21030 Download
File Size   116.45 Kbytes
Page   10 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 1-CH H.Q. Speech Controller

SNC21030 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC21030 Datasheet PDF - SONiX Technology Company

Part # SNC21030
Download  SNC21030 Click to download

File Size   116.45 Kbytes
Page   10 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 1-CH H.Q. Speech Controller

SNC21030 Datasheet (HTML) - SONiX Technology Company


SNC21030 Product details

INTRODUCTION

SNC21030 is a one-channel voice synthesizer IC with Push-Pull direct drive circuit. It built in a 4-bit tiny controller with three 4-bit I/O ports. By programming through the tiny controller in SNC21030, user’s varied applications including voice section combination, key trigger arrangement, output control, and other logic functions can be easily implemented.



FEATURES

Single power supply 2.4V – 5.5V

System Clock is 2MHz, the instruction cycle is 4us

30 seconds voice capacity are provided (@6KHZ sample rate)

Built in a 4-bit tiny controller

I/O Port

  Three 4-bit I/O ports P1, P2 and P3 are provided

  The driving/sink current of P3.2 & P3.3 is up to 8mA/16mA

  The IO pins P3.3 or P2.3 can be modulated with 38.5Khz carry signal to implement IR function.

  PWM output for IO (P3.0~P3.3)

128*4 bits RAM are provided

Maximum 16k program ROM is provided

96K*10 shared ROM for voice data and program

Readable ROM code data

Built-in one channel High Quality speech synthesizer

Adaptive playing speed from 2.5k-20kHz is provided

Automatic repetition

Support 5-bit ADPCM and 10 bit PCM format

Built in an 8-level volume control Push-Pull Direct Drive circuit output, can directly connected to Speaker for sound output

Push-Pull DAC with 12 bits resolution (Direct Drive)

Event Mark function supported

Low-Voltage Detect circuit

Watch Dog Timer Reset function.




Similar Part No. - SNC21030

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC21030A SONIX-SNC21030A Datasheet
142Kb / 11P
1-CH H.Q. Speech Controller
More results


Similar Description - SNC21030

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC21060 SONIX-SNC21060 Datasheet
116Kb / 10P
1-CH H.Q. Speech Controller
SNC21120 SONIX-SNC21120 Datasheet
119Kb / 11P
1-CH H.Q. Speech Controller
SNC21168 SONIX-SNC21168 Datasheet
119Kb / 11P
1-CH H.Q. Speech Controller
SNC21300 SONIX-SNC21300 Datasheet
119Kb / 11P
1-CH H.Q. Speech Controller
SNC21040A SONIX-SNC21040A Datasheet
142Kb / 11P
1-CH H.Q. Speech Controller
SNC21060A SONIX-SNC21060A Datasheet
142Kb / 11P
1-CH H.Q. Speech Controller
SNC21085A SONIX-SNC21085A Datasheet
142Kb / 11P
1-CH H.Q. Speech Controller
SNC21120A SONIX-SNC21120A Datasheet
141Kb / 11P
1-CH H.Q. Speech Controller
SNC21168A SONIX-SNC21168A Datasheet
143Kb / 11P
1-CH H.Q. Speech Controller
SNC21340A SONIX-SNC21340A Datasheet
131Kb / 12P
1-CH H.Q. Speech Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com