Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC21085 Datasheet (PDF) - SONiX Technology Company

SNC21085 Datasheet PDF - SONiX Technology Company
Part # SNC21085
Download  SNC21085 Download
File Size   116.43 Kbytes
Page   10 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 1-CH H.Q. Speech Controller

SNC21085 Datasheet (PDF)

Go To PDF Page Download Datasheet
SNC21085 Datasheet PDF - SONiX Technology Company

Part # SNC21085
Download  SNC21085 Click to download

File Size   116.43 Kbytes
Page   10 Pages
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company
Description 1-CH H.Q. Speech Controller

SNC21085 Datasheet (HTML) - SONiX Technology Company


SNC21085 Product details

INTRODUCTION
SNC21085 is a one-channel voice synthesizer IC with Push-Pull direct drive circuit. It built in a 4-bit tiny controller with three 4-bit I/O ports. By programming through the tiny controller in SNC21085, user’s varied applications including voice section combination, key trigger arrangement, output control, and other logic functions can be easily implemented.

FEATURES
♦ Single power supply 2.4V – 5.5V
♦ System Clock is 2MHz, the instruction cycle is 4us
♦ 85 seconds voice capacity are provided (@6KHZ sample rate)
♦ Built in a 4-bit tiny controller
♦ I/O Port
    ► Three 4-bit I/O ports P1, P2 and P3 are provided
    ► The driving/sink current of P3.2 & P3.3 is up to 8mA/16mA
    ► The IO pins P3.3 or P2.3 can be modulated with 38.5Khz carry signal to implement IR function.
    ► PWM output for IO (P3.0~P3.3)
♦ 128*4 bits RAM are provided
♦ Maximum 16k program ROM is provided
♦ 256K*10 shared ROM for voice data and program
♦ Readable ROM code data
♦ Built-in one channel High Quality speech synthesizer
♦ Adaptive playing speed from 2.5k-20kHz is provided
♦ Automatic repetition
♦ Support 5-bit ADPCM and 10 bit PCM format
♦ Built in an 8-level volume control Push-Pull Direct Drive circuit output, can directly connected to Speaker for sound output
♦ Push-Pull DAC with 12 bits resolution (Direct Drive)
♦ Event Mark function supported
♦ Low-Voltage Detect circuit
♦ Watch Dog Timer Reset function.




Similar Part No. - SNC21085

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC21085A SONIX-SNC21085A Datasheet
142Kb / 11P
1-CH H.Q. Speech Controller
More results


Similar Description - SNC21085

ManufacturerPart #DatasheetDescription
logo
SONiX Technology Compan...
SNC21060 SONIX-SNC21060 Datasheet
116Kb / 10P
1-CH H.Q. Speech Controller
SNC21120 SONIX-SNC21120 Datasheet
119Kb / 11P
1-CH H.Q. Speech Controller
SNC21168 SONIX-SNC21168 Datasheet
119Kb / 11P
1-CH H.Q. Speech Controller
SNC21300 SONIX-SNC21300 Datasheet
119Kb / 11P
1-CH H.Q. Speech Controller
SNC21040A SONIX-SNC21040A Datasheet
142Kb / 11P
1-CH H.Q. Speech Controller
SNC21060A SONIX-SNC21060A Datasheet
142Kb / 11P
1-CH H.Q. Speech Controller
SNC21085A SONIX-SNC21085A Datasheet
142Kb / 11P
1-CH H.Q. Speech Controller
SNC21120A SONIX-SNC21120A Datasheet
141Kb / 11P
1-CH H.Q. Speech Controller
SNC21168A SONIX-SNC21168A Datasheet
143Kb / 11P
1-CH H.Q. Speech Controller
SNC21340A SONIX-SNC21340A Datasheet
131Kb / 12P
1-CH H.Q. Speech Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com