Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESP-WROOM-32UE Datasheet (PDF) - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

ESP-WROOM-32UE Datasheet PDF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.
Part # ESP-WROOM-32UE
Download  ESP-WROOM-32UE Download
File Size   1024.26 Kbytes
Page   33 Pages
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.
Description 2.4 GHz WiFi Bluetooth® Bluetooth LE module

ESP-WROOM-32UE Datasheet (PDF)

Go To PDF Page Download Datasheet
ESP-WROOM-32UE Datasheet PDF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.

Part # ESP-WROOM-32UE
Download  ESP-WROOM-32UE Click to download

File Size   1024.26 Kbytes
Page   33 Pages
Manufacturer  ESPRESSIF [ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.]
Direct Link  https://www.espressif.com/
Logo ESPRESSIF - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.
Description 2.4 GHz WiFi Bluetooth® Bluetooth LE module

ESP-WROOM-32UE Datasheet (HTML) - ESPRESSIF SYSTEMS (SHANGHAI) CO., LTD.


ESP-WROOM-32UE Product details

Built around ESP32 series of SoCs, Xtensa dualcore 32bit
LX6 microprocessor
4/8/16 MB flash available
26 GPIOs, rich set of peripherals
Onboard
PCB antenna or external antenna connector

1.1 Features
CPU and OnChip
Memory
• ESP32-D0WD-V3 or ESP32-D0WDR2-V3
embedded, Xtensa dual-core 32-bit LX6
microprocessor, up to 240 MHz
• 448 KB ROM
• 520 KB SRAM
• 16 KB SRAM in RTC
• ESP32-D0WDR2-V3 also provides 2 MB PSRAM
WiFi
• 802.11b/g/n
• Bit rate: 802.11n up to 150 Mbps
• A-MPDU and A-MSDU aggregation
• 0.4 μs guard interval support
• Center frequency range of operating channel:
2412 ~ 2484 MHz
Bluetooth
• Bluetooth V4.2 BR/EDR and Bluetooth LE
specification
• Class-1, class-2 and class-3 transmitter
• AFH
• CVSD and SBC
Peripherals
• SD card, UART, SPI, SDIO, I2C, LED PWM,
Motor PWM, I2S, IR, pulse counter, GPIO,
capacitive touch sensor, ADC, DAC, TWAI®




Similar Part No. - ESP-WROOM-32UE

ManufacturerPart #DatasheetDescription
logo
ESPRESSIF SYSTEMS (SHAN...
ESP-WROOM-32 ESPRESSIF-ESP-WROOM-32 Datasheet
518Kb / 25P
This document provides the specifications for the ESP32-WROOM-32 module
More results


Similar Description - ESP-WROOM-32UE

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LBEE5ZZ1MD-011 MURATA-LBEE5ZZ1MD-011 Datasheet
1Mb / 35P
WiFi / Bluetooth Module Data Sheet
logo
List of Unclassifed Man...
AP6255 ETC2-AP6255 Datasheet
1Mb / 34P
WiFi 11ac Bluetooth V4.2 Module
logo
Abracon Corporation
ACAG0301-24505500-T ABRACON-ACAG0301-24505500-T Datasheet
8Mb / 6P
Dual band (2.4 GHz & 5.5 GHz) WiFi/Bluetooth Chip Antenna
06.21.2018
logo
ESPRESSIF SYSTEMS (SHAN...
ESP32-C3 ESPRESSIF-ESP32-C3 Datasheet
619Kb / 40P
UltraLowPower SoC with RISCV SingleCore CPU Supporting 2.4 GHz WiFi and Bluetooth LE
0.6
ESP32-S3-WROOM-1 ESPRESSIF-ESP32-S3-WROOM-1 Datasheet
884Kb / 34P
2.4 GHz WiFi (802.11 b/g/n) and Bluetooth® 5 (LE) module
ESP32-S3 ESPRESSIF-ESP32-S3 Datasheet
889Kb / 69P
2.4 GHz Wi-Fi Bluetooth® LE SoC Supporting IEEE 802.11 b/g/n (2.4 GHz Wi-Fi) and Bluetooth® 5 (LE)
Version 1.3
logo
Toshiba Semiconductor
TC35667FTG TOSHIBA-TC35667FTG Datasheet
755Kb / 26P
TC35667FTG Bluetooth® LE Single IC For Bluetooth® Smart
November 2014 Rev 1.x
logo
Infineon Technologies A...
CYW20819 INFINEON-CYW20819 Datasheet
508Kb / 52P
AIROC™ Bluetooth® & Bluetooth® LE system-on-chip Ultra low power, Bluetooth® 5.2
Rev. G 2022-07-13
CYW20820 INFINEON-CYW20820 Datasheet
631Kb / 59P
AIROC™ Bluetooth® and Bluetooth® LE system on chip
Rev. G 2022-09-26
CYBLE-343072-02 INFINEON-CYBLE-343072-02 Datasheet
868Kb / 58P
AIROC™ Bluetooth® LE module
2021-08-12
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com