Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FSP050 Datasheet (PDF) - FSP TECHNOLOGY INC.

FSP050 Datasheet PDF - FSP TECHNOLOGY INC.
Part # FSP050
Download  FSP050 Download
File Size   4560.57 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 50W ~ 65W 12V Adapter

FSP050 Datasheet (PDF)

Go To PDF Page Download Datasheet
FSP050 Datasheet PDF - FSP TECHNOLOGY INC.

Part # FSP050
Download  FSP050 Click to download

File Size   4560.57 Kbytes
Page   3 Pages
Manufacturer  FSP [FSP TECHNOLOGY INC.]
Direct Link  http://www.fsp-group.com/
Logo FSP - FSP TECHNOLOGY INC.
Description 50W ~ 65W 12V Adapter

FSP050 Datasheet (HTML) - FSP TECHNOLOGY INC.


FSP050 Product details

FEATURES
‧ Meet IEC 62368-1 & IEC 60950-1
‧ Meet Energy Efficiency DOE Level VI
‧ Meet Code of Conduct Version 5 Tier 2
‧ High Reliability
‧ EMC Standard: EN55032/ EN55024 Class B
‧ Over Current Protection
‧ Over Temperature Protection
‧ Over Voltage Protection




Similar Part No. - FSP050

ManufacturerPart #DatasheetDescription
logo
FSP TECHNOLOGY INC.
FSP050-1SZN1CP-W FSP-FSP050-1SZN1CP-W Datasheet
140Kb / 1P
LED Lighting
FSP050-DAAN2 FSP-FSP050-DAAN2 Datasheet
143Kb / 1P
IPC systems, Embedded systems
logo
Sparkle Power Inc.
FSP050-DAAN2 SPI-FSP050-DAAN2 Datasheet
579Kb / 5P
AC-DC POWER SUPPLY
logo
FSP TECHNOLOGY INC.
FSP050-DGAA5 FSP-FSP050-DGAA5 Datasheet
109Kb / 1P
IPC systems, C ommunication systems, Embedded systems, POE systems
FSP050-DIBAN2 FSP-FSP050-DIBAN2 Datasheet
143Kb / 1P
IPC systems, Embedded systems
More results


Similar Description - FSP050

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
155-1500 GILWAY-155-1500 Datasheet
72Kb / 1P
L7511 12V/50W QUARTZ, HALOGEN LAMP
logo
Volgen Kaga Electronics...
STD-0905P VOLGEN-STD-0905P Datasheet
125Kb / 2P
ADAPTER - 50W
STD-1250P VOLGEN-STD-1250P Datasheet
125Kb / 2P
ADAPTER - 65W
logo
Delta Electronics, Inc.
PMC-12V050W1AA DELTA-PMC-12V050W1AA Datasheet
1,016Kb / 2P
Panel Mount Power Supply 12V 50W 1 Phase
logo
MORNSUN Science& Techno...
MW06509DA MORNSUN-MW06509DA Datasheet
331Kb / 4P
65W AC/DC Adapter
MX06509DA MORNSUN-MX06509DA Datasheet
328Kb / 4P
65W AC/DC Adapter
MY06509DA MORNSUN-MY06509DA Datasheet
428Kb / 4P
65W AC/DC Adapter
logo
CINCON ELECTRONICS Corp...
TRH50A CINCON-TRH50A Datasheet
587Kb / 2P
50W SWITCHING ADAPTER
logo
Lite-On Technology Corp...
PA-1041-81 LITEON-PA-1041-81 Datasheet
319Kb / 3P
Industrial Adapter 12V Series
PA-1061-81 LITEON-PA-1061-81 Datasheet
314Kb / 3P
Industrial Adapter 12V Series
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com