Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

60330949 Datasheet (PDF) - First Components International

60330949 Datasheet PDF - First Components International
Part # 60330949
Download  60330949 Download
File Size   729.05 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Connector System for Flexible Circuitry (0.100in./2.54mm pitch) Maximum reliability; Low applied cos

60330949 Datasheet (PDF)

Go To PDF Page Download Datasheet
60330949 Datasheet PDF - First Components International

Part # 60330949
Download  60330949 Click to download

File Size   729.05 Kbytes
Page   4 Pages
Manufacturer  FCI [First Components International]
Direct Link  http://www.cotra.com.tw/
Logo FCI - First Components International
Description Connector System for Flexible Circuitry (0.100in./2.54mm pitch) Maximum reliability; Low applied cos

60330949 Datasheet (HTML) - First Components International


60330949 Product details

DESCRIPTION
Connector System for Flexible Circuitry (0.100in./2.54mm pitch)
Maximum reliability; Low applied cost
BOARD TO BOARD CONNECTORS
The CLINCHER™ connector family includes single-row pin
and receptacle connectors designed for termination to flat
flexible circuitry. Products are available for Flat Flexible
Cable (FFC), Flexible Printed Circuit (FPC), and Conductive
Ink Circuitry (CIC).
The connectors include features that optimize reliability at
both the termination and disconnect interfaces. “Clinch”
cable termination produces gas-tight, contamination-free
connections to each conductor. The receptacle connectors
utilize FCI’s proven and highly-reliable Mini PV™ contact
design. Complementary shrouded PCB headers provide
options for latching and proper connector alignment.
Contacts are pre-loaded to connector housings enabling
mass termination to unprepared cable. The CLINCHER™
connector mass termination design accelerates cable
assembly processes and reduces costs.
FEATURES & BENEFITS
“Clinch” cable termination provides four gas-tight,
contamination-free contact points to each conductor
Receptacle design features highly-reliable Mini PV
dual-metal contacts
Mass termination to unprepared cable reduces
assembly costs
Housing window permits crimp inspection to verify
proper termination
Receptacle openings feature a beveled “lead-in”
to reduce risk of stubbing with mating pins
Connector sizes range from 2 to 34 positions
Polarization options aid proper alignment and mating
Positive-locking, latching options assure secure mating
to industry-standard headers for severe applications
Economy two-wall PCB headers provide passive
latching and polarization at a reduced cost
Lead-free, RoHS compliant products satisfy
environmental regulations
TARGET MARKETS / APPLICATIONS
Appliances and White goods
Membrane Switches and Electronic Displays
Industrial and Instrumentation
Medical
POS equipment
Hand-held terminals




Similar Part No. - 60330949

ManufacturerPart #DatasheetDescription
logo
SICK AG
6033028 SICK-6033028 Datasheet
257Kb / 4P
Plug connector cable
6033029 SICK-6033029 Datasheet
206Kb / 3P
Plug connector cable
6033030 SICK-6033030 Datasheet
206Kb / 3P
Plug connector cable
6033030 SICK-6033030 Datasheet
206Kb / 3P
Plug connector cable
6033033 SICK-6033033 Datasheet
1Mb / 6P
INDUCTIVE PROXIMITY SENSORS
More results


Similar Description - 60330949

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FH1-8S-2.54DS HIROSE-FH1-8S-2.54DS Datasheet
66Kb / 4P
2.54mm Pitch Miniature Connector for Flexible Board
logo
PETERMANN-TECHNIK
HC-49US PETERMANN-HC-49US Datasheet
145Kb / 2P
HIGH RELIABILITY FOR LOW COST
CXOF PETERMANN-CXOF Datasheet
140Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2150 PETERMANN-M2150 Datasheet
130Kb / 2P
HIGH RELIABILITY FOR LOW COST
DPS PETERMANN-DPS Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M2500 PETERMANN-M2500 Datasheet
147Kb / 2P
HIGH RELIABILITY FOR LOW COST
M4115 PETERMANN-M4115 Datasheet
78Kb / 1P
HIGH RELIABILITY FOR LOW COST
M6302 PETERMANN-M6302 Datasheet
122Kb / 2P
HIGH RELIABILITY FOR LOW COST
M6337 PETERMANN-M6337 Datasheet
125Kb / 2P
HIGH RELIABILITY FOR LOW COST
logo
Bel Fuse Inc.
SYST-QUAL-04 BEL-SYST-QUAL-04 Datasheet
72Kb / 1P
RELIABILITY SYSTEM PROCEDURE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com