Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPL910 Datasheet (PDF) - 3PEAK INC.

TPL910 Datasheet PDF - 3PEAK INC.
Part # TPL910
Download  TPL910 Download
File Size   578.14 Kbytes
Page   17 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 1-A Output, High-PSRR, Low-Noise LDO Regulator

TPL910 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPL910 Datasheet PDF - 3PEAK INC.

Part # TPL910
Download  TPL910 Click to download

File Size   578.14 Kbytes
Page   17 Pages
Manufacturer  3PEAK [3PEAK INC.]
Direct Link  http://www.3peakic.com/
Logo 3PEAK - 3PEAK INC.
Description 1-A Output, High-PSRR, Low-Noise LDO Regulator

TPL910 Datasheet (HTML) - 3PEAK INC.


TPL910 Product details

Description
The TPL910 series products are 1-A high-current, 24-μVRMS
low-noise, high-PSRR, high-accuracy linear regulators with only
500-mV maximum ultra-low dropout voltage at 1-A load current.
The TPL910 series products support both fixed output voltage
ranges from 0.8 V to 5 V and adjustable output voltage ranges
from 0.8 V to 5.2 V with external resistor divider.
Ultra-low noise, high PSRR, and high output current capability
makes the TPL910 series products ideal power supply for noisesensitive
applications, such as high-speed communication
facilities, test and measurement devices, or high-definition
imaging equipment. Accurate output voltage tolerance, output
remote sensing, excellent transient response, and adjustable
soft-start control ensures the TPL910 series products optimal
power supply for the large-scale processors or digital loads,
such as ASIC, FPGA, CPLD and DSP.
The TPL910 series products provide 3×3 DFN-8 package with
guaranteed operating junction temperature range (TJ) from -
40°C to +125°C.

Features
◼ Input Voltage Range: 2.2 V to 6.5 V
◼ Output Voltage Options:
◆ Fixed Output Voltage: 0.8 V to 5 V
◆ Adjustable Output Voltage: 0.8 V to 5.2 V
◼ 3% Accuracy over Line Regulation, Load Regulation, and
Operating Temperature Range
◼ 1 A Maximum Output Current
◼ Low Dropout Voltage: 500 mV Maximum at 1 A
◼ High PSRR:
◆ 65 dB at 1 kHz
◆ 50 dB at 100 kHz
◼ 24 μVRMS Output Voltage Noise (100 Hz to 100kHz)
◼ Excellent Transient Response
◼ Stable with a 10 μF or Larger Ceramic Output Capacitor
◼ Thermal Shutdown and Over-Current Protection
◼ Operating Junction Temperature: –40°C to +125°C
◼ Package: 3×3 DFN-8

Applications
◼ Wireless Communication: CPU, ASIC, FPGA, CPLD, DSP
◼ High-Performance Analog: ADC, DAC, LVDS, VCO
◼ Noise-Sensitive Imaging: CMOS Sensors, Video ASICs




Similar Part No. - TPL910

ManufacturerPart #DatasheetDescription
logo
3PEAK INC.
TPL910A 3PEAK-TPL910A Datasheet
1Mb / 20P
1-A Output, High-PSRR, Low-Noise Low-Dropout Linear Regulator
2024-11-30
TPL910ADJA-DF6R 3PEAK-TPL910ADJA-DF6R Datasheet
1Mb / 20P
1-A Output, High-PSRR, Low-Noise Low-Dropout Linear Regulator
2024-11-30
TPL910ADJQ-DF6R-S 3PEAK-TPL910ADJQ-DF6R-S Datasheet
1,007Kb / 20P
1-A Output, High-PSRR, Low-Noise, Low-Dropout Linear Regulator
2023-06-15
TPL910Q-S 3PEAK-TPL910Q-S Datasheet
1,007Kb / 20P
1-A Output, High-PSRR, Low-Noise, Low-Dropout Linear Regulator
2023-06-15
More results


Similar Description - TPL910

ManufacturerPart #DatasheetDescription
logo
YOBON TECHNOLOGIES,INC.
YB1210 YOBON-YB1210 Datasheet
449Kb / 12P
300mA Ultra-Low-Noise, High PSRR LDO Regulator
YB1210R YOBON-YB1210R Datasheet
388Kb / 12P
300mA, Ultra-Low-Noise, High PSRR LDO Regulator
logo
Asahi Kasei Microsystem...
AK1110AEU AKM-AK1110AEU_17 Datasheet
1Mb / 19P
2ch Output, Ultra High PSRR, Ultra Low Noise LDO Regulator
logo
ACE Technology Co., LTD...
ACE527H ACE-ACE527H Datasheet
1Mb / 16P
Low Noise, High PSRR LDO Regulator
VER 1.3
logo
ON Semiconductor
NCV8160 ONSEMI-NCV8160 Datasheet
425Kb / 14P
Ultra-Low Noise and High PSRR LDO Regulator
November, 2017 ??Rev. 2
logo
Asahi Kasei Microsystem...
AP1150 AKM-AP1150 Datasheet
964Kb / 28P
200mA Output,High PSRR,Low Noise LDO Regulator Fixed Output Voltage Type
AP1151 AKM-AP1151 Datasheet
968Kb / 29P
200mA Output,High PSRR,Low Noise LDO Regulator Adjustable Output Voltage Type
AP1152 AKM-AP1152 Datasheet
1,005Kb / 27P
300mA Output,High PSRR,Low Noise LDO Regulator
logo
Excelliance MOS Corp.
EM1101 EXCELLIANCE-EM1101 Datasheet
260Kb / 8P
300mA High PSRR Low Noise, Adjustable LDO Regulator
EM1103 EXCELLIANCE-EM1103 Datasheet
275Kb / 8P
300mA, High PSRR, Low Noise LDO Regulator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com