Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTM4601 Datasheet (PDF) - Analog Devices

LTM4601 Datasheet PDF - Analog Devices
Part # LTM4601
Download  LTM4601 Download
File Size   2086.29 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20VIN, 15A Step-Down DC/DC μModule Regulator

LTM4601 Datasheet (PDF)

Go To PDF Page Download Datasheet
LTM4601 Datasheet PDF - Analog Devices

Part # LTM4601
Download  LTM4601 Click to download

File Size   2086.29 Kbytes
Page   30 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 20VIN, 15A Step-Down DC/DC μModule Regulator

LTM4601 Datasheet (HTML) - Analog Devices


LTM4601 Product details

DESCRIPTION
The LTM®4638 is a complete 15A step-down switching
mode μModule (power module) regulator in a tiny
6.25mm × 6.25mm × 5.02mm BGA package. Included
in the package are the switching controller, power FETs,
inductor and support components. Operating over an
input voltage range of 3.1V to 20V, the LTM4638 supports
an output voltage range of 0.6V to 5.5V, set by a
single external resistor. Its high efficiency design delivers
up to 15A continuous output current. Only bulk input and
output capacitors are needed. The LTM4638 product video
is available on the website.
The LTM4638 supports selectable discontinuous mode
operation and output voltage tracking for supply rail sequencing.
Its high switching frequency and current mode
control enable a very fast transient response to line and
load changes without sacrificing stability.
Fault protection features include overvoltage, overcurrent
and overtemperature protection.
The LTM4638 is available with SnPb or RoHS compliant
terminal finish.

FEATURES
n Complete Solution in <1cm2 (Single-Sided PCB) or
0.5cm2 (Dual-Sided PCB)
n 6.25mm × 6.25mm × 5.02mm BGA Package
n Wide Input Voltage Range: 3.1V to 20V
n 0.6V to 5.5V Output Voltage
n 15A DC Output Current
n ±1.5% Maximum Total DC Output Voltage Error
Over Line, Load and Temperature
n Differential Remote Sensing Amp
n Current Mode Control, Fast Transient Response
n External Frequency Synchronization
n Multiphase Parallel Current Sharing with
Multiple LTM4638s
n Output Voltage Tracking
n Selectable Discontinuous Mode
n Power Good Indicator
n Overvoltage, Overcurrent and Overtemperature Protection

APPLICATIONS
n Telecom, Datacom, Networking and
Industrial Equipment
n Medical Diagnostic Equipment
n Data Storage Rack Units and Cards
n Test and Debug Systems




Similar Part No. - LTM4601

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4601 LINER-LTM4601 Datasheet
389Kb / 28P
12A DC/DC 關Modules with PLL, Output Tracking and Margining
LTM4601 LINER-LTM4601 Datasheet
343Kb / 24P
10A High Effi ciency DC/DC 關Module
LTM4601 LINER-LTM4601 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM4601 LINER-LTM4601 Datasheet
574Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
LTM4601 LINER-LTM4601 Datasheet
738Kb / 26P
Low VIN, 8A DC/DC Module Regulator with Tracking, Margining, and Frequency Synchronization
More results


Similar Description - LTM4601

ManufacturerPart #DatasheetDescription
logo
Panasonic Battery Group
NN30 PANASONICBATTERY-NN30 Datasheet
228Kb / 2P
Synchronous DC/DC Step-Down Regulator
logo
Linear Technology
LTM4625 LINER-LTM4625_15 Datasheet
455Kb / 24P
20VIN, 5A Step-Down DC/DC Module Regulator
LTM4623 LINER-LTM4623_15 Datasheet
375Kb / 26P
Ultrathin 20VIN, 3A Step-Down DC/DC Module Regulator
logo
Texas Instruments
LM2833 TI1-LM2833 Datasheet
1Mb / 30P
Step-Down DC-DC Switching Regulator
logo
Linear Technology
LTM4625 LINER-LTM4625 Datasheet
1Mb / 26P
20VIN, 5A Step-Down DC/DC 關Module Regulator
LTM4623 LINER-LTM4623 Datasheet
401Kb / 28P
Ultrathin 20VIN, 3A Step-Down DC/DC 關Module Regulator
logo
Renesas Technology Corp
EL7554 RENESAS-EL7554 Datasheet
732Kb / 14P
Monolithic 4A DC/DC Step-Down Regulator
logo
Analog Devices
LTM4657 AD-LTM4657 Datasheet
1Mb / 28P
20VIN, 8A Step-Down DC/DC 關Module Regulator
03/21-REV.A
LTM4705 AD-LTM4705 Datasheet
1Mb / 24P
20VIN, Dual 5A or Single 10A Step-Down DC/DC 關Module Regulator
LTP8800-1A AD-LTP8800-1A Datasheet
2Mb / 20P
150A DC/DC μModule Regulator with PMBus Interface
Rev. B
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com