Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT8640 Datasheet (PDF) - Analog Devices

LT8640 Datasheet PDF - Analog Devices
Part # LT8640
Download  LT8640 Download
File Size   2015.49 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current

LT8640 Datasheet (PDF)

Go To PDF Page Download Datasheet
LT8640 Datasheet PDF - Analog Devices

Part # LT8640
Download  LT8640 Click to download

File Size   2015.49 Kbytes
Page   24 Pages
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices
Description 42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5μA Quiescent Current

LT8640 Datasheet (HTML) - Analog Devices


LT8640 Product details

DESCRIPTION
The LT®8609S is a compact, high efficiency, high speed
synchronous monolithic step-down switching regulator
that consumes only 1.7μA of non-switching quiescent
current. The LT8609S can deliver 2A of continuous current
with peak loads of 3A (<1sec) to support applications
such as GSM transceivers which require high transient
loads. Top and bottom power switches are included with
all necessary circuitry to minimize the need for external
components. Low ripple Burst Mode operation enables
high efficiency down to very low output currents while
keeping the output ripple below 10mVP-P. A SYNC pin
allows synchronization to an external clock, or spread
spectrum modulation of switching frequencies for low
EMI operation. Internal compensation with peak current
mode topology allows the use of small inductors and
results in fast transient response and good loop stability.
The EN/UV pin has an accurate 1V threshold and can be
used to program VIN undervoltage lockout or to shut down
the LT8609S reducing the input supply current to 1μA. A
capacitor on the TR/SS pin programs the output voltage
ramp rate during start-up while the PG flag signals when
VOUT is within ±8.5% of the programmed output voltage
as well as fault conditions. The LT8609S is available in a
small 16-lead 3mm × 3mm LQFN package.

FEATURES
n Silent Switcher® 2 Architecture
n Ultralow EMI Emissions on Any PCB
n Eliminates PCB Layout Sensitivity
n Internal Bypass Capacitors Reduce Radiated EMI
n Optional Spread Spectrum Modulation
n Wide Input Voltage Range: 3.0V to 42V
n Ultralow Quiescent Current Burst Mode® Operation:
n <2.5μA IQ Regulating 12VIN to 3.3VOUT
n Output Ripple <10mVP-P
n High Efficiency 2MHz Synchronous Operation:
n >93% Efficiency at 1A, 12VIN to 5VOUT
n 2A Maximum Continuous Output, 3A Peak Transient Output
n Fast Minimum Switch-On Time: 45ns
n Adjustable and Synchronizable: 200kHz to 2.2MHz
n Allows Use of Small Inductors
n Low Dropout
n Peak Current Mode Operation
n Internal Compensation
n Output Soft-Start and Tracking
n Small 16-Lead 3mm × 3mm LQFN Package
n AEC-Q100 Qualified for Automotive Applications

APPLICATIONS
n General Purpose Step Down
n Low EMI Step Down




Similar Part No. - LT8640

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8640 LINER-LT8640 Datasheet
295Kb / 6P
42V, 5A Micropower Synchronous Step-Down Silent Switcher
LT8640 LINER-LT8640 Datasheet
1Mb / 38P
42V, Low IQ, Quad Output Triple Monolithic Buck Converter and Boost Controller
LT8640 LINER-LT8640 Datasheet
1Mb / 26P
60V, 1.2A Synchronous Monolithic Buck Regulator with 6關A Quiescent Current
logo
Analog Devices
LT8640 AD-LT8640 Datasheet
2Mb / 20P
High Efficiency 42V/120mA Synchronous Buck
LT8640 AD-LT8640 Datasheet
2Mb / 32P
42V, 5A/7A Peak Synchronous Step-Down Silent Switcher with 2.5關A Quiescent Current
12/20-REV.C
More results


Similar Description - LT8640

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT8610 LINER-LT8610_15 Datasheet
306Kb / 22P
42V, 2.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8609 LINER-LT8609_15 Datasheet
1Mb / 22P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8612 LINER-LT8612_15 Datasheet
400Kb / 20P
42V, 6A Synchronous Step-Down Regulator with 3A Quiescent Current
LT8610A LINER-LT8610A_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AB LINER-LT8610AB_15 Datasheet
378Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC LINER-LT8610AC_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8610AC-1 LINER-LT8610AC-1_15 Datasheet
544Kb / 26P
42V, 3.5A Synchronous Step-Down Regulator with 2.5A Quiescent Current
LT8613 LINER-LT8613_15 Datasheet
364Kb / 24P
42V, 6A Synchronous Step-Down Regulator with Current Sense and 3A Quiescent Current
LT8609S LINER-LT8609S Datasheet
1Mb / 24P
42V, 2A/3A Peak Synchronous Step-Down Regulator with 2.5關A Quiescent Current
logo
Analog Devices
LT8641A AD-LT8641A Datasheet
860Kb / 35P
65V, 3.5A/5A Peak Synchronous Step-Down Silent Switcher with 2.5μA Quiescent Current
Rev 0
More results




About Analog Devices


Analog Devices, Inc. (ADI) is a publicly traded company that designs, develops, and manufactures high-performance analog, mixed-signal, and digital signal processing (DSP) integrated circuits (ICs).
The company was founded in 1965 and is headquartered in Norwood, Massachusetts.
ADI serves a wide range of industries, including aerospace and defense, automotive, communications, consumer, industrial, medical, and test and measurement.
The company's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and radio frequency (RF) and microwave components, among others.
ADI is dedicated to innovation and customer satisfaction, and is committed to providing its customers with high-quality, reliable solutions to meet their needs.
With a focus on energy efficiency and sustainability, ADI is a leader in the analog and mixed-signal IC industry, driving technological advancements and providing innovative solutions to the world's most challenging problems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com