Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DCA520PC Datasheet (PDF) - Murata Manufacturing Co., Ltd.

DCA520PC Datasheet PDF - Murata Manufacturing Co., Ltd.
Part # DCA520PC
Download  DCA520PC Download
File Size   558.95 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 50mV & 100mV Input, LED-Display, Subminiature DC Ammeters

DCA520PC Datasheet (PDF)

Go To PDF Page Download Datasheet
DCA520PC Datasheet PDF - Murata Manufacturing Co., Ltd.

Part # DCA520PC
Download  DCA520PC Click to download

File Size   558.95 Kbytes
Page   6 Pages
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.
Description 50mV & 100mV Input, LED-Display, Subminiature DC Ammeters

DCA520PC Datasheet (HTML) - Murata Manufacturing Co., Ltd.


DCA520PC Product details

Murata Power Solutions’ new DCA5-20PC Series dc ammeters are specifi cally designed to display the output of all popular 50mV and 100mV dc-shunts. 25 input ranges provide for precision
measurement of dc currents from 1.000A to 2000A. With the exception of an external shunt,
the unit is 100% self-contained – no calibration or user-supplied components are required.
Available LED-display colors include brilliant blue, bright green, and standard red. Three power
supply options accommodate all popular dc-supply voltages from 5V to 75Vdc, making these
ammeters perfect for automotive, industrial, telecom, and marine applications!
DCA5-20PC Series ammeters are housed in 1.38” x 0.88” (35mm x 22mm) rugged packages that feature a large, 0.37”/9.4mm high, LED display. However, display visibility is not compromised in any way: the display can be easily read at distances up to 15 feet (5 meters). All
input and power supply connections are made by way of two screw-style terminal blocks. For
added fl exibility, computer-style jumpers are provided for range-specifi c decimal point assignments. And, to ensure trouble free installation, all models include reverse-polarity protected
power supply inputs.
Two input confi gurations are offered: grounded shunt (“low-side”), 5-40V-powered, red,
green or blue LED models for cost-sensitive applications, and 8-36V isolated-supply models
that accept high-side or fl oating shunts. Isolated-supply models are also available in a choice
of red, green, or blue LEDs. Since many dc ammeters are used in battery backup applications,
power consumption for 8-36V models is typically 1 Watt, and 75mW for 5-40V models.
Miniature size, wide supply inputs, and no-hassles installation make DCA5-20PC Series
ammeters the ideal choice for all your 50 and 100mV shunt ammeter-applications.




Similar Part No. - DCA520PC

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
DCA5-20PC MURATA-PS-DCA5-20PC Datasheet
559Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
DCA5-20PC-1-DC1-BL-C MURATA-PS-DCA5-20PC-1-DC1-BL-C Datasheet
559Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
DCA5-20PC-1-DC1-BS-C MURATA-PS-DCA5-20PC-1-DC1-BS-C Datasheet
559Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
DCA5-20PC-1-DC1-GS-C MURATA-PS-DCA5-20PC-1-DC1-GS-C Datasheet
559Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
DCA5-20PC-1-DC1-PGL-C MURATA-PS-DCA5-20PC-1-DC1-PGL-C Datasheet
559Kb / 6P
50mV & 100mV Input, LED-Display, Subminiature DC Ammeters
More results


Similar Description - DCA520PC

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276 Datasheet
273Kb / 2P
Subminiature LED
logo
Murata Power Solutions ...
ACA-20PC MURATA-PS-ACA-20PC Datasheet
1Mb / 6P
Digital, LED-Display AC Ammeters with Built-in Current Transformers
ACA5-20PC MURATA-PS-ACA5-20PC Datasheet
562Kb / 5P
5 Amp Input LED-Display AC Ammeters
DMS-20PC-0-DCM MURATA-PS-DMS-20PC-0-DCM Datasheet
150Kb / 2P
Self-Powered, Positive Input LED Display, DC Voltage Monitors
DMS-20PC-4-DCM MURATA-PS-DMS-20PC-4-DCM Datasheet
192Kb / 2P
Self-Powered LED Display, Negative Input DC Voltage Monitor
logo
Extech Instruments Corp...
38387 EXTECH-38387 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
logo
Murata Manufacturing Co...
ACA-20PC-2-AC1-RL-C MURATA-ACA-20PC-2-AC1-RL-C Datasheet
449Kb / 6P
Digital, LED-Display AC Ammeters with Built-in Current Transformers
logo
C&D Technologies
3020-01097-0 CANDD-3020-01097-0 Datasheet
876Kb / 4P
50mV and 100mV Base-Mounted DC Shunts
logo
Extech Instruments Corp...
38387 EXTECH-38387_15 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
38389 EXTECH-38389_15 Datasheet
274Kb / 1P
AC and AC/DC Clamp-on Ammeters
More results




About Murata Manufacturing Co., Ltd.


Murata Manufacturing Co., Ltd. is a Japanese multinational electronics company headquartered in Nagaokakyo, Kyoto, Japan.
The company was founded in 1944 and has since become a leading manufacturer of electronic components, including ceramic capacitors, wireless communication modules, and sensors.
Murata also offers a wide range of other products and solutions such as battery management systems, power supplies, and energy harvesting systems.
The company operates globally and has a strong reputation for quality and innovation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com