Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CQB150W Datasheet (PDF) - CINCON ELECTRONICS Corporation

CQB150W Datasheet PDF - CINCON ELECTRONICS Corporation
Part # CQB150W
Download  CQB150W Download
File Size   464.78 Kbytes
Page   9 Pages
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation
Description CQB150W SERIES 150 WATT 4:1 INPUT ISOLATED DC-DC CONVERTER

CQB150W Datasheet (PDF)

Go To PDF Page Download Datasheet
CQB150W Datasheet PDF - CINCON ELECTRONICS Corporation

Part # CQB150W
Download  CQB150W Click to download

File Size   464.78 Kbytes
Page   9 Pages
Manufacturer  CINCON [CINCON ELECTRONICS Corporation]
Direct Link  https://www.cincon.com/
Logo CINCON - CINCON ELECTRONICS Corporation
Description CQB150W SERIES 150 WATT 4:1 INPUT ISOLATED DC-DC CONVERTER

CQB150W Datasheet (HTML) - CINCON ELECTRONICS Corporation


CQB150W Product details

Features
 Efficiency Up to 92%
 Fixed Switching Frequency
 Regulated Outputs
 Remote On/Off
 Low No Load Power Consumption
 Fully protected (OTP/OCP/OVP/UVLO)
 2250Vdc I/O Isolation
 Operating Case Temperature -40 to +105℃
 Quarter Brick Size Meet Industrial Standard
2.28”x1.45”x0.5”
 CB Test Certificate IEC62368-1
 UL62368-1 Approval
 Meets EN50155 with External Circuits
 Shock & Vibration EN50155 (EN61373) Compliant
 Fire & Smoke EN45545-2 Compliant
 3000m Operating Altitude




Similar Part No. - CQB150W

ManufacturerPart #DatasheetDescription
logo
CINCON ELECTRONICS Corp...
CQB150W-110S CINCON-CQB150W-110S Datasheet
318Kb / 2P
150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-110S-CMFC-D CINCON-CQB150W-110S-CMFC-D Datasheet
931Kb / 10P
CQB150W-110S CMFC(D) SERIES
CQB150W-110S05 CINCON-CQB150W-110S05 Datasheet
318Kb / 2P
150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-110S12 CINCON-CQB150W-110S12 Datasheet
318Kb / 2P
150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
CQB150W-110S15 CINCON-CQB150W-110S15 Datasheet
318Kb / 2P
150 WATT 4:1 INPUT DC-DC CONVERTERS SINGLE OUTPUT
More results


Similar Description - CQB150W

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
BMA1 BOTHHAND-BMA1 Datasheet
420Kb / 4P
1 Watt Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB150W8 CINCON-CHB150W8 Datasheet
563Kb / 6P
150 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CHB150W12 CINCON-CHB150W12 Datasheet
709Kb / 8P
150 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
CQB50W8 CINCON-CQB50W8 Datasheet
526Kb / 7P
50 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
CQB75W8 CINCON-CQB75W8 Datasheet
506Kb / 7P
75 WATT 8:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
logo
Eaton All Rights Reserv...
EPM6-2V EATON-EPM6-2V Datasheet
716Kb / 6P
1 Watt isolated DC-DC converter
March 2022
EPM7-1V EATON-EPM7-1V Datasheet
746Kb / 6P
1 Watt isolated DC-DC converter
March 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com