Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

85394 Datasheet (PDF) - Murrelektronik GmbH

85394 Datasheet PDF - Murrelektronik GmbH
Part # 85394
Download  85394 Download
File Size   89.31 Kbytes
Page   2 Pages
Manufacturer  MURR [Murrelektronik GmbH]
Direct Link  https://www.murrelektronik.com/
Logo MURR - Murrelektronik GmbH
Description IN:23-30 VDC OUT:22-28VDC/20A for 200ms

85394 Datasheet (PDF)

Go To PDF Page Download Datasheet
85394 Datasheet PDF - Murrelektronik GmbH

Part # 85394
Download  85394 Click to download

File Size   89.31 Kbytes
Page   2 Pages
Manufacturer  MURR [Murrelektronik GmbH]
Direct Link  https://www.murrelektronik.com/
Logo MURR - Murrelektronik GmbH
Description IN:23-30 VDC OUT:22-28VDC/20A for 200ms

85394 Datasheet (HTML) - Murrelektronik GmbH




Similar Part No. - 85394

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
85394 MOLEX-85394 Datasheet
90Kb / 2P
MB CAP BUFFER MODULE
2024-01-10
More results


Similar Description - 85394

ManufacturerPart #DatasheetDescription
logo
ADL Embedded Solutions
MSMPS104 ADL-MSMPS104 Datasheet
185Kb / 1P
Power Supply, 15-28VDC in, 5V 10A out, 12V 1.5A out
logo
Lineage Power Corporati...
FNW500R4 LINEAGEPOWER-FNW500R4 Datasheet
346Kb / 13P
36 - 75 Vdc Input; 28Vdc Output; 500W Output
FNW700R64-18 LINEAGEPOWER-FNW700R64-18 Datasheet
408Kb / 14P
36 - 75 Vdc Input; 28Vdc Output; 700W Output
JNW350R641 LINEAGEPOWER-JNW350R641 Datasheet
733Kb / 15P
36 - 75 Vdc Input; 28Vdc Output; 350W Output
logo
National Instruments Co...
NI5124 NI-NI5124 Datasheet
189Kb / 3P
150MHz,200MS/s,12-BitDigitizersa
logo
Delta Electronics, Inc.
E48SP DELTA-E48SP Datasheet
474Kb / 15P
48V in, 12V/20A out
logo
Lineage Power Corporati...
JNCW016A0R LINEAGEPOWER-JNCW016A0R Datasheet
1Mb / 15P
36??5 Vdc Input; 28Vdc Output; 16Adc Output
JRCW016A0R LINEAGEPOWER-JRCW016A0R Datasheet
1,007Kb / 15P
36??5 Vdc Input; 28Vdc Output; 16Adc Output
logo
PULS GmbH
UF20.241 PULS-UF20.241 Datasheet
543Kb / 18P
24V, 20A, 200MS, BUFFER MODULE
logo
Lowpower Semiconductor ...
LP3818 POWER-LP3818 Datasheet
457Kb / 6P
Reset, Low Voltage Detector Built-in Delay 200ms
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com