Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABF025 Datasheet (PDF) - Melexis Microelectronic Systems

ABF025 Datasheet PDF - Melexis Microelectronic Systems
Part # ABF025
Download  ABF025 Download
File Size   1216.56 Kbytes
Page   37 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description MLX91221 Integrated Current Sensor IC

ABF025 Datasheet (PDF)

Go To PDF Page Download Datasheet
ABF025 Datasheet PDF - Melexis Microelectronic Systems

Part # ABF025
Download  ABF025 Click to download

File Size   1216.56 Kbytes
Page   37 Pages
Manufacturer  MELEXIS [Melexis Microelectronic Systems]
Direct Link  http://www.melexis.com
Logo MELEXIS - Melexis Microelectronic Systems
Description MLX91221 Integrated Current Sensor IC

ABF025 Datasheet (HTML) - Melexis Microelectronic Systems


ABF025 Product details

Features and Benefits
▪ Factory trimmed AC and DC current sensor
▪ Analog ratiometric or fixed output voltage
▪ Combining sensing element, signal
conditioning & isolation in SOIC package
▪ No application programming required
▪ High speed sensing
▪ DC to 300kHz bandwidth
▪ 2μs response time
▪ Robust against external magnetic fields
▪ No magnetic hysteresis
▪ Double overcurrent detection (SOIC-16)
▪ Low ohmic losses of integrated conductor
▪ 1.09mΩ SOIC-8 / 0.89mΩ SOIC-16
▪ SOIC-8 narrow body and SOIC-16 wide
body package, RoHS compliant
▪ Lead free component, suitable for lead
free soldering profile up to 260°C, MSL3
▪ Rated voltage isolation
▪ 2.4kVRMS for SOIC-8
▪ 4.8kVRMS for SOIC-16

Applications
▪ AC and DC Chargers
▪ Electric Drives
▪ DCDC converters
▪ Solar
▪ Power Supplies
▪ Demand/Load control

Description
The MLX91221 is an Integrated Current Sensor that
senses the current flowing through the low
impedance leadframe of the SOIC package. By
virtue of fixing the current conductor position with
respect to the monolithic CMOS sensor, a fully
integrated Hall-effect current sensor is obtained,
that is factory calibrated.
Inside the package, the magnetic flux density
generated by the current flow is sensed
differentially by two sets of Hall plates. As a result
the influence of external disturbing fields is
minimized in the fast analog front-end. The
residual signal is amplified to provide a high-speed
linear analog output voltage.
The close proximity of the Hall plates to the current
conductor ensures a high signal-to-noise ratio and
an accurate signal over temperature. With this
miniaturization, high voltage isolation ratings are
still maintained between the primary and their
opposing secondary side leads of the package.




Similar Part No. - ABF025

ManufacturerPart #DatasheetDescription
logo
Chongqing Pingwei Enter...
ABF02 CHONGQING-ABF02 Datasheet
216Kb / 2P
SINGLE PHASE1.0AMPS. GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Similar Description - ABF025

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
ACS712 ALLEGRO-ACS712_V13 Datasheet
642Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS712 ALLEGRO-ACS712_16 Datasheet
681Kb / 15P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS713 ALLEGRO-ACS713_16 Datasheet
569Kb / 14P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS715 ALLEGRO-ACS715_16 Datasheet
796Kb / 15P
Automotive Grade, Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS756 ALLEGRO-ACS756_16 Datasheet
632Kb / 11P
Fully Integrated, Hall Effect-Based Linear Current Sensor IC
ACS764 ALLEGRO-ACS764 Datasheet
387Kb / 22P
Fully Integrated, Hall-Effect Based Current Sensor IC
logo
Melexis Microelectronic...
MLX91210 MELEXIS-MLX91210 Datasheet
1Mb / 18P
MLX91210 Integrated Current Sensor IC
logo
Rohm
BM14270MUV-LB ROHM-BM14270MUV-LB Datasheet
1Mb / 24P
Current Sensor IC
16.Jan.2019 Rev.002
logo
MultiDimension Technolo...
TMR7302-E MULTIDIMENSION-TMR7302-E Datasheet
646Kb / 9P
Integrated Current Sensor
Version 1.0
logo
Melexis Microelectronic...
MLX91220 MELEXIS-MLX91220 Datasheet
1Mb / 38P
MLX91220 Integrated Current Sensor IC
REVISION 3.0 - MAY 6, 2022
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com