Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHD4401P Datasheet (PDF) - ON Semiconductor

NTHD4401P Datasheet PDF - ON Semiconductor
Part # NTHD4401P
Download  NTHD4401P Download
File Size   75.01 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET

NTHD4401P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTHD4401P Datasheet PDF - ON Semiconductor

Part # NTHD4401P
Download  NTHD4401P Click to download

File Size   75.01 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET

NTHD4401P Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTHD4401P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD4401PT1 ONSEMI-NTHD4401PT1 Datasheet
66Kb / 8P
Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD4401PT1G ONSEMI-NTHD4401PT1G Datasheet
66Kb / 8P
Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
More results


Similar Description - NTHD4401P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD5903T1-D ONSEMI-NTHD5903T1-D Datasheet
69Kb / 8P
Power MOSFET Dual P-Channel ChipFET
March, 2002 ??Rev. 2
NTHD4401P ONSEMI-NTHD4401P Datasheet
66Kb / 8P
Power MOSFET ??0 V, ??.0 A, Dual P?묬hannel, ChipFET
October, 2004 ??Rev. 3
NTHD2102P ONSEMI-NTHD2102P Datasheet
54Kb / 6P
Power MOSFET ??.0 V, ??.6 A Dual P?묬hannel ChipFET
December, 2004 ??Rev. 4
NTHD4508N ONSEMI-NTHD4508N Datasheet
55Kb / 6P
Power MOSFET 20 V, 4.1 A, Dual N?묬hannel ChipFET
October, 2004 ??Rev. 3
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHD5904N ONSEMI-NTHD5904N_05 Datasheet
65Kb / 6P
Power MOSFET 20 V, 4.5 A, Dual N?묬hannel, ChipFET
November, 2005 ??Rev. 2
NTHS4101P ONSEMI-NTHS4101P_07 Datasheet
59Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET
February, 2007 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com