Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NTHS4101P Datasheet (PDF) - ON Semiconductor

NTHS4101P Datasheet PDF - ON Semiconductor
Part # NTHS4101P
Download  NTHS4101P Download
File Size   59.42 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, 6.7 A, P-Channel ChipFET

NTHS4101P Datasheet (PDF)

Go To PDF Page Download Datasheet
NTHS4101P Datasheet PDF - ON Semiconductor

Part # NTHS4101P
Download  NTHS4101P Click to download

File Size   59.42 Kbytes
Page   6 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Power MOSFET -20 V, 6.7 A, P-Channel ChipFET

NTHS4101P Datasheet (HTML) - ON Semiconductor




Similar Part No. - NTHS4101P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101P ONSEMI-NTHS4101P Datasheet
132Kb / 6P
Power MOSFET
March, 2012 ??Rev. 4
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHS4101PT1 ONSEMI-NTHS4101PT1 Datasheet
132Kb / 6P
Power MOSFET
March, 2012 ??Rev. 4
NTHS4101PT1G ONSEMI-NTHS4101PT1G Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
More results


Similar Description - NTHS4101P

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTHD5903T1-D ONSEMI-NTHD5903T1-D Datasheet
69Kb / 8P
Power MOSFET Dual P-Channel ChipFET
March, 2002 ??Rev. 2
NTHD4102P ONSEMI-NTHD4102P Datasheet
69Kb / 6P
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
October, 2004 ??Rev. 4
NTHS4101P ONSEMI-NTHS4101P Datasheet
63Kb / 6P
Power MOSFET -20 V, 6.7 A, P-Channel ChipFET-TM
October, 2004 ??Rev. 1
NTHD4102P ONSEMI-NTHD4102P_05 Datasheet
64Kb / 6P
Power MOSFET -20 V, -4.1 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 5
NTHD4401P ONSEMI-NTHD4401P_05 Datasheet
75Kb / 6P
Power MOSFET -20 V, -3.0 A, Dual P-Channel, ChipFET
November, 2005 ??Rev. 4
NTHD5903T1 ONSEMI-NTHD5903T1_05 Datasheet
68Kb / 6P
Power MOSFET -20 V, -3.0 A, Dual P-Channel ChipFET
November, 2005 ??Rev. 4
NTHS4111P ONSEMI-NTHS4111P_06 Datasheet
193Kb / 6P
Power MOSFET -30 V, -6.1 A, Single P-Channel, ChipFET
August, 2006 ??Rev. 2
NTHD3100C ONSEMI-NTHD3100C Datasheet
153Kb / 8P
Power MOSFET 20 V, 3.9 A /??.4 A, Complementary ChipFET
March, 2006 ??Rev. 3
NTHS4501N ONSEMI-NTHS4501N Datasheet
65Kb / 6P
Power MOSFET 30 V, 6.7 A, Single N?묬hannel, ChipFET Package
February, 2007 ??Rev. 4
NTHD3102CT1G ONSEMI-NTHD3102CT1G Datasheet
101Kb / 11P
Power MOSFET Complementary, 20 V, 5.5 A /??.2 A, ChipFET
September, 2006 ??Rev. 2
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com