Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A1391 Datasheet (PDF) - Allegro MicroSystems

A1391 Datasheet PDF - Allegro MicroSystems
Part # A1391
Download  A1391 Download
File Size   523.71 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Micro Power 3 V Linear Hall Effect Sensors withTri-State Output and User-Selectable Sleep Mode

A1391 Datasheet (PDF)

Go To PDF Page Download Datasheet
A1391 Datasheet PDF - Allegro MicroSystems

Part # A1391
Download  A1391 Click to download

File Size   523.71 Kbytes
Page   15 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Micro Power 3 V Linear Hall Effect Sensors withTri-State Output and User-Selectable Sleep Mode

A1391 Datasheet (HTML) - Allegro MicroSystems


A1391 Product details

Micro Power 3 V Linear Hall Effect Sensors with Tri-State Output and User-Selectable Sleep Mode



Description

The A139x family of linear Hall effect sensor integrated circuits (ICs) provide a voltage output that is directly proportional to an applied magnetic field. Before amplification, the sensitivity of typical Hall effect ICs (measured in mV/G) is directly proportional to the current flowing through the Hall effect transducer element inside the ICs. In many applications, it is difficult to achieve sufficient sensitivity levels with a Hall effect sensor IC without consuming more than 3 mA of current.



Features and Benefits

▪ High-impedance output during sleep mode

▪ Compatible with 2.5 to 3.5 V power supplies

▪ 10 mW power consumption in the active mode

▪ Miniature MLP/DFN package

▪ Ratiometric output scales with the ratiometric supply reference voltage (VREF pin)

▪ Temperature-stable quiescent output voltage and sensitivity

▪ Wide ambient temperature range: –20°C to 85°C

▪ ESD protection greater than 3 kV

▪ Solid-state reliability

▪ Preset sensitivity and offset at final test




Similar Part No. - A1391

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A1391 ALLEGRO-A1391 Datasheet
494Kb / 16P
Micro Power 3 V Linear Hall Effect Sensor ICs
A1391SEHLT-T2 ALLEGRO-A1391SEHLT-T2 Datasheet
492Kb / 16P
Micro Power 3 V Linear Hall Effect Sensor ICs
A1391 ALLEGRO-A1391_16 Datasheet
492Kb / 16P
Micro Power 3 V Linear Hall Effect Sensor ICs
More results


Similar Description - A1391

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3501 ALLEGRO-3501 Datasheet
189Kb / 4P
LINEAR OUTPUT HALL EFFECT SENSORS
logo
List of Unclassifed Man...
AMP50 ETC-AMP50 Datasheet
10Kb / 1P
Hall effect linear sensors
AH350 ETC-AH350 Datasheet
180Kb / 6P
Linear Hall-Effect Sensors
logo
Allegro MicroSystems
A1391 ALLEGRO-A1391 Datasheet
494Kb / 16P
Micro Power 3 V Linear Hall Effect Sensor ICs
logo
Honeywell Accelerometer...
91SS12-2 HONEYWELL-ACC-91SS12-2 Datasheet
71Kb / 1P
SOLID STATE LINEAR OUTPUT HALL EFFECT TRANSDUCER
logo
Allegro MicroSystems
A1391 ALLEGRO-A1391_16 Datasheet
492Kb / 16P
Micro Power 3 V Linear Hall Effect Sensor ICs
logo
Feeling Technology Corp...
FS50 FEELING-FS50 Datasheet
57Kb / 7P
LINEAR HALL-EFFECT SENSORS
logo
Shaoxing Devechip Micro...
SDC49E SDC-SDC49E Datasheet
368Kb / 9P
Linear Hall-effect Sensors
SDC96B SDC-SDC96B Datasheet
309Kb / 8P
Linear Hall-effect Sensors
SDC3503 SDC-SDC3503 Datasheet
313Kb / 8P
Linear Hall-effect Sensors
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com