Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A8304 Datasheet (PDF) - Allegro MicroSystems

A8304 Datasheet PDF - Allegro MicroSystems
Part # A8304
Download  A8304 Download
File Size   633.57 Kbytes
Page   21 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Single LNB Supply and Control Voltage Regulator

A8304 Datasheet (PDF)

Go To PDF Page Download Datasheet
A8304 Datasheet PDF - Allegro MicroSystems

Part # A8304
Download  A8304 Click to download

File Size   633.57 Kbytes
Page   21 Pages
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems
Description Single LNB Supply and Control Voltage Regulator

A8304 Datasheet (HTML) - Allegro MicroSystems


A8304 Product details

Features and Benefits
▪ Integrated boost MOSFET, current sensing, and
compensation
▪ 704 kHz switching frequency for small low-cost
components
▪ S¯¯L¯¯E¯¯E¯¯P pin for ultra-low power consumption mode
▪ Adjustable LNB output current limit (250 to 950 mA*)
limit with shutdown timer
▫ Covers wide array of application requirements
▫ Minimizes component sizing to fit each application
▫ For startup, reconfiguration, and continuous output
▪ Boost peak current limit scales with LNB current limit
▪ Optional temporary increased current limit (+25%)
▪ Compatible with DiSEqC1.x control
Description
The A8304 is a single channel low noise block regulator
(LNBR). The A8304 consists of a monolithic boost converter
followed by a low-drop linear regulator. It is specifically
designed to provide the power and the interface signals to an
LNB down converter via coaxial cable in satellite TV receiver
systems.
The A8304 requires few external components, with the boost
switch and compensation circuitry integrated inside of the
device. The 704 kHz switching frequency and user-controlled
output current limit minimize the size of the passive filtering
components.
The I2C™-compatible interface provides control capabilities for
complex system requirements, as well as diagnostic capabilities
for system fault reporting.
A sleep pin is available to maximize power savings and to
quickly shut down the device if needed, without using I2C™
control.
The A8304 is provided in a small 3 × 3 mm QFN package with
exposed pad for thermal dissipation. It is lead (Pb) free, with
100% matte tin leadframe plating




Similar Part No. - A8304

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8302 ALLEGRO-A8302 Datasheet
1Mb / 45P
Dual LNB Supply and Control Voltage Regulators
A8302SETTR-T2 ALLEGRO-A8302SETTR-T2 Datasheet
1Mb / 45P
Dual LNB Supply and Control Voltage Regulators
A8303 ALLEGRO-A8303 Datasheet
2Mb / 30P
Single LNB Supply and Control Voltage Regulator
A8303-1 ALLEGRO-A8303-1 Datasheet
2Mb / 30P
Single LNB Supply and Control Voltage Regulator
A8303SESTR-T ALLEGRO-A8303SESTR-T Datasheet
2Mb / 30P
Single LNB Supply and Control Voltage Regulator
More results


Similar Description - A8304

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A8290 ALLEGRO-A8290 Datasheet
408Kb / 19P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8291 ALLEGRO-A8291 Datasheet
396Kb / 18P
Single LNB Supply and Control Voltage Regulator
February 15, 2012
A8290 ALLEGRO-A8290 Datasheet
381Kb / 20P
Single LNB Supply and Control Voltage Regulator
A8291 ALLEGRO-A8291 Datasheet
369Kb / 19P
Single LNB Supply and Control Voltage Regulator
A8293 ALLEGRO-A8293 Datasheet
406Kb / 19P
Single LNB Supply and Control Voltage Regulator
A8294 ALLEGRO-A8294 Datasheet
344Kb / 18P
Single LNB Supply and Control Voltage Regulator
A8298SESTR-T ALLEGRO-A8298SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
A829 ALLEGRO-A829 Datasheet
341Kb / 18P
Single LNB Supply and Control Voltage Regulator
A8296SESTR-T ALLEGRO-A8296SESTR-T Datasheet
101Kb / 2P
Single LNB Supply and Control Voltage Regulator
A8303 ALLEGRO-A8303 Datasheet
2Mb / 30P
Single LNB Supply and Control Voltage Regulator
More results




About Allegro MicroSystems


Allegro MicroSystems is a semiconductor company that designs, manufactures, and markets high-performance power and sensing solutions. The company was founded in 1990 and is headquartered in Manchester, New Hampshire, USA.

Allegro MicroSystems' product portfolio includes Hall-effect sensors, power ICs, motor drivers, and magnetic digital position sensors. These products are used in a wide range of applications, including automotive, industrial, and consumer electronics.

Allegro MicroSystems is known for its expertise in magnetic sensing technology, which is used in many of its products. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials. Allegro MicroSystems also offers custom design and engineering services to meet the specific needs of its customers.

Allegro MicroSystems has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable power and sensing solutions that meet the evolving needs of the electronics industry. In 2021, Allegro MicroSystems went public through an initial public offering (IPO) on the NASDAQ stock exchange.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com