Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC130M02DFMR Datasheet (PDF) - Texas Instruments

AMC130M02DFMR Datasheet PDF - Texas Instruments
Part # AMC130M02DFMR
Download  AMC130M02DFMR Download
File Size   3256.17 Kbytes
Page   88 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC130M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter

AMC130M02DFMR Datasheet (PDF)

Go To PDF Page Download Datasheet
AMC130M02DFMR Datasheet PDF - Texas Instruments

Part # AMC130M02DFMR
Download  AMC130M02DFMR Click to download

File Size   3256.17 Kbytes
Page   88 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description AMC130M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter

AMC130M02DFMR Datasheet (HTML) - Texas Instruments


AMC130M02DFMR Product details

1 Features
• Two isolated, simultaneous sampling ΔΣ ADCs
with differential inputs
• Single-supply operation (3.3 V or 5 V) with
integrated DC/DC converter
• Low EMI: Meets CISPR-11 and CISPR-25
standards
• Programmable data rate up to 64 kSPS
• Programmable gain up to 128
• Low-drift internal voltage reference
• 4-wire SPI interface with cyclic redundancy check
(CRC)
• Safety-related certifications:
– 7070-VPEAK reinforced isolation per DIN EN
IEC 60747-17 (VDE 0884-17)
– 5000-VRMS isolation for 1 minute per UL1577
• Package: 20-pin, wide-body SOIC
• Operating temperature range: –40°C to +125°C

2 Applications
• Electricity meters: Commercial and residential
• Circuit breakers
• EV charging stations
• Battery management systems

3 Description
The AMC130M02 is a precision, two-channel, dataand
power-isolated, simultaneous-sampling, 16-bit,
delta-sigma (ΔΣ), analog-to-digital converter (ADC).
The AMC130M02 offers wide dynamic range, low
power, and energy-measurement-specific features
designed for energy metering and power metrology
applications. The ADC inputs can be directly
interfaced to a resistor-divider network or a shunt
current sensor because of the device high input
impedance.
The AMC130M02 features a fully integrated isolated
DC/DC converter that allows single-supply operation
from the low-side of the device. The reinforced
capacitive isolation barrier is certified according to
VDE 0884-17 and UL1577. This isolation barrier
separates parts of the system that operate on different
common-mode voltage levels and protects lowervoltage
parts from damage, making the AMC130M02
an excellent choice for polyphase energy metering
applications using shunt current sensors.




Similar Part No. - AMC130M02DFMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AMC130M03 TI-AMC130M03 Datasheet
2Mb / 92P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
MAY 2023
AMC130M03 TI-AMC130M03 Datasheet
3Mb / 97P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
AMC130M03DFMR TI-AMC130M03DFMR Datasheet
3Mb / 97P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
AMC130M03 TI-AMC130M03_V01 Datasheet
3Mb / 97P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
More results


Similar Description - AMC130M02DFMR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS130B02-Q1 TI-ADS130B02-Q1 Datasheet
2Mb / 61P
ADS130B02-Q1 Automotive, 2-Channel, 32-kSPS, Simultaneous-Sampling, 16-Bit, Delta-Sigma ADC
NOVEMBER 2021
ADS131M02-Q1 TI-ADS131M02-Q1 Datasheet
2Mb / 84P
ADS131M02-Q1 Automotive, 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Delta-Sigma ADC
AUGUST 2022
AMC131M03 TI-AMC131M03 Datasheet
2Mb / 92P
AMC131M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
MAY 2023
AMC130M03 TI-AMC130M03 Datasheet
2Mb / 92P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
MAY 2023
AMC131M03-Q1 TI-AMC131M03-Q1 Datasheet
2Mb / 90P
AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
MAY 2023
AMC131M03 TI1-AMC131M03_V01 Datasheet
3Mb / 99P
AMC131M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
AMC131M01 TI-AMC131M01 Datasheet
3Mb / 81P
AMC131M01 1-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
SEPTEMBER 2023
AMC131M02 TI-AMC131M02 Datasheet
3Mb / 89P
AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
SEPTEMBER 2023
AMC130M03 TI-AMC130M03_V01 Datasheet
3Mb / 97P
AMC130M03 3-Channel, 64-kSPS, Simultaneous-Sampling, 16-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
AMC131M03-Q1 TI-AMC131M03-Q1_V01 Datasheet
3Mb / 98P
AMC131M03-Q1 Automotive, 3-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com