Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAC63202W Datasheet (PDF) - Texas Instruments

DAC63202W Datasheet PDF - Texas Instruments
Part # DAC63202W
Download  DAC63202W Download
File Size   2290.2 Kbytes
Page   82 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DAC63202W 12-Bit, Dual, Voltage and Current Output Smart DACs With Auto‑Detected I2C, SPI, or PMBus™ Interface in DSBGA

DAC63202W Datasheet (PDF)

Go To PDF Page Download Datasheet
DAC63202W Datasheet PDF - Texas Instruments

Part # DAC63202W
Download  DAC63202W Click to download

File Size   2290.2 Kbytes
Page   82 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description DAC63202W 12-Bit, Dual, Voltage and Current Output Smart DACs With Auto‑Detected I2C, SPI, or PMBus™ Interface in DSBGA

DAC63202W Datasheet (HTML) - Texas Instruments


DAC63202W Product details

1 Features
• Programmable voltage or current outputs with
flexible configuration:
– Voltage outputs:
• 1 LSB DNL
• Gains of 1 ×, 1.5 ×, 2 ×, 3 ×, and 4 ×
– Current outputs:
• 1 LSB INL and DNL (8-bit)
• ±25 μA, ±50 μA, ±125 μA, ±250 μA outputrange
options
• Programmable comparator mode for all channels
• High-impedance output when VDD is off
• High-impedance and resistive pulldown powerdown
modes
• 50-MHz SPI-compatible interface
• Automatically detects I2C, SPI, or PMBus™
interface
– 1.62-V VIH with VDD = 5.5 V
• General-purpose input/output (GPIO) configurable
as multiple functions
• Predefined waveform generation: sine, cosine,
triangular, sawtooth
• User-programmable nonvolatile memory (NVM)
• Internal, external, or power-supply as reference
• Wide operating range:
– Power supply: 1.8 V to 5.5 V
– Temperature: –40˚C to +125˚C
• Tiny package:
– 16-pin DSBGA: 1.72 mm × 1.72 mm, nominal

2 Applications
• Optical module
• High performance computing
• Standard notebook PC

3 Description
The DAC63202W is a 12-bit, dual-channel, buffered,
voltage-output and current-output smart digital-toanalog
converter (DAC). The DAC63202W devices
support Hi-Z power-down mode and Hi-Z output
during power-off conditions. The DAC outputs provide
a force-sense option for use as a programmable
comparator and current sink. The multifunction GPIO,
function generation, and programmable nonvolatile
memory (NVM) enable these smart DACs for
processor-less applications and design reuse. This
device automatically detects I2C, SPI and PMBus
interfaces, and contain an internal reference.
The feature set combined with the tiny package
and low power make this smart DAC an excellent
choice for applications such as voltage margining and
scaling, dc set-point for biasing and calibration, and
waveform generation.




Similar Part No. - DAC63202W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC63202 TI-DAC63202 Datasheet
3Mb / 83P
DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC63202RTER TI-DAC63202RTER Datasheet
3Mb / 83P
DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
More results


Similar Description - DAC63202W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC63204 TI-DAC63204 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DAC63204 TI-DAC63204_V01 Datasheet
2Mb / 63P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
SLASEX3 ??MARCH 2021
DAC63204 TI-DAC63204_V02 Datasheet
3Mb / 82P
DACx3204 12-Bit, 10-Bit, and 8-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus?? or SPI Interface
DECEMBER 2021
DAC53001 TI-DAC53001 Datasheet
3Mb / 85P
DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC53202 TI-DAC53202 Datasheet
3Mb / 83P
DACx3202 12-Bit and 10-Bit, Dual, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC53204W TI-DAC53204W Datasheet
2Mb / 83P
DACx3204W 12-Bit and 10-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, SPI, or PMBus® Interface in DSBGA Package
DECEMBER 2022
DAC53001 TI1-DAC53001_V01 Datasheet
3Mb / 85P
DACx300x 12-Bit and 10-Bit Ultra-Low Power Dual and Single Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI Interface
MAY 2022
DAC53204-Q1 TI1-DAC53204-Q1 Datasheet
3Mb / 84P
DACx3204‑Q1 Automotive, 12-Bit and 10-Bit, Quad, Voltage and Current Output Smart DACs With Auto-Detected I2C, PMBus™, or SPI
APRIL 2023
DAC53004W TI1-DAC53004W Datasheet
2Mb / 85P
DACx3004W 12-Bit and 10-Bit, Ultra-Low-Power, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, SPI, or PMBus Interface
MARCH 2023
DAC53204W TI1-DAC53204W_V01 Datasheet
2Mb / 84P
DACx3204W 12-Bit and 10-Bit, Quad Voltage and Current Output Smart DACs With Auto-Detected I2C, SPI, or PMBus® Interface in DSBGA Package
DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com