Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TMUX9616PTR Datasheet (PDF) - Texas Instruments

TMUX9616PTR Datasheet PDF - Texas Instruments
Part # TMUX9616PTR
Download  TMUX9616PTR Download
File Size   1851.87 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity

TMUX9616PTR Datasheet (PDF)

Go To PDF Page Download Datasheet
TMUX9616PTR Datasheet PDF - Texas Instruments

Part # TMUX9616PTR
Download  TMUX9616PTR Click to download

File Size   1851.87 Kbytes
Page   32 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TMUX9616 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity

TMUX9616PTR Datasheet (HTML) - Texas Instruments


TMUX9616PTR Product details

1 Features
• Wide supply range or input signal range:
– Dual supply: ±20 V to ±110 V, 220VPP
– 240VPP absolute maximum
• Low off capacitance: 5pF
• Low on capacitance: 10 pF
• Low on resistance (RONL): 12 Ω
• Fast turn-on time: 3 μs (maximum)
• Up to 72 MHz data shift clock frequency
• Logic levels: 1.8 V to 5 V
• Excellent off isolation performance: -70 dB at 5
MHz
• Integrated bleed resistors on the outputs
• Latch-up immunity by device construction
• Extended temperature
range: –40°C to 125°C
• Industry-standard 7 mm × 7 mm (Body Size) LQFP
package for pin-to-pin compatibility

2 Applications
• Medical ultrasound imaging
• Non-destructive testing (NDT) metal flaw detection
• Piezoelectric transducer drivers
• Ultrasonic flow transmitters
• Printers
• Optical MEMS modules

3 Description
The TMUX9616 is a 16-channel low resistance, low
capacitance high-voltage analog switch integrated
circuit (IC) with latch-up immunity. Each device has
16 independently selectable 1:1, single-pole, singlethrow
(SPST) switch channels. The device works well
with dual supplies up to ±110 V. Asymmetric supply
biasing is also supported within the recommended
supply range. The TMUX9616 supports bidirectional
analog and digital signals on the source (Sx) and
drain (Dx) pins ranging from VSS to VDD. TMUX9616
also integrates bleed resistors on its source (Sx) and
drain (Dx) pins to discharge capacitive loads, like
piezoelectric transducers. TMUX9616 is an excellent
choice for medical ultrasound imaging and other
piezoelectric transducer driver applications.
TMUX9616 integrates cascadable 16-bit shift register
with latches for controlling each of the 16 switches.
The daisy chain capability allows for many TMUX9616
devices to be controlled without requiring a separate
chip-select for every device. To reduce noise in the
signal path due to potential clock feed-through, the
active low latch enable can be held high while data is
loaded into the shift registers. The 16-bit shift register
can operate off of a 1.8 V – 5 V power supply. The
16-bit shift register can support clock speeds up to 72
MHz.




Similar Part No. - TMUX9616PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX9616PTR TI2-TMUX9616PTR Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
TMUX9616PTR.B TI2-TMUX9616PTR.B Datasheet
1Mb / 33P
TMUX9616x 220-V High Voltage 1:1, 16-Channel Switch with Latch-Up Immunity
REVISED DECEMBER 2024
More results


Similar Description - TMUX9616PTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMUX7234 TI-TMUX7234 Datasheet
1Mb / 36P
TMUX7234 44-V, Low Ron, 2:1, 4 Channel Precision Switch with Latch-Up Immunity and 1.8-V Logic
TMUX7411F TI-TMUX7411F_V01 Datasheet
2Mb / 42P
TMUX741xF 짹60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
NOVEMBER 2021
TMUX8212 TI-TMUX8212 Datasheet
1Mb / 28P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
OCTOBER 2021
TMUX8212 TI-TMUX8212_V01 Datasheet
1Mb / 32P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
DECEMBER 2021
TMUX7411F TI-TMUX7411F_V02 Datasheet
2Mb / 48P
TMUX741xF ±60 V Fault-Protected, 1:1 (SPST), 4-Channel Switches With Latch-Up Immunity and 1.8-V Logic
REVISED NOVEMBER 2022
TMUX8212 TI-TMUX8212_V02 Datasheet
1Mb / 37P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED DECEMBER 2021
TMUX7201 TI-TMUX7201 Datasheet
1Mb / 39P
TMUX720x 44 V, Low-RON, 1:1 (SPST), 1-Channel Precision Switch With Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX8211 TI-TMUX8211 Datasheet
2Mb / 42P
TMUX821x 100-V, Flat Ron, 1:1 (SPST), 4-Channel Switches with Latch-Up Immunity and 1.8-V Logic
REVISED MARCH 2023
TMUX9832 TI1-TMUX9832 Datasheet
570Kb / 7P
TMUX9832 No High Voltage Bias, Beyond the Supply, 220 V 1:1, 32-Channel Switch With Latch-Up Immunity
JUNE 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com