Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MC152 Datasheet (PDF) - TOKO, Inc

MC152 Datasheet PDF - TOKO, Inc
Part # MC152
Download  MC152 Download
File Size   28.41 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Molded Coils for Surface Mounting

MC152 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC152 Datasheet PDF - TOKO, Inc

Part # MC152
Download  MC152 Click to download

File Size   28.41 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Molded Coils for Surface Mounting

MC152 Datasheet (HTML) - TOKO, Inc


MC152 Product details

Close Wound

Frequency Range: 30-150MHz (with ferrite core)

Inductance Range: 29~142nH (without case)

                         27~94nH (with case)

Temperature Coefficient: 150±100ppm/°C (without case)

                                 100±100ppm/°C (with case)



Features

• Low profile SMT molded coil.

• Ideal for use in RF circuit for communication and car radio applications.

• Shielded case also available.



 




Similar Part No. - MC152

ManufacturerPart #DatasheetDescription
logo
MicroPower Direct, LLC
MC1524D-03RW MPD-MC1524D-03RW Datasheet
553Kb / 2P
High Performance, 15W Wide Input Range DC/DC Con vert ers
MC1524D-05RW MPD-MC1524D-05RW Datasheet
553Kb / 2P
High Performance, 15W Wide Input Range DC/DC Con vert ers
MC1524D-07RW MPD-MC1524D-07RW Datasheet
553Kb / 2P
High Performance, 15W Wide Input Range DC/DC Con vert ers
MC1524D-09RW MPD-MC1524D-09RW Datasheet
553Kb / 2P
High Performance, 15W Wide Input Range DC/DC Con vert ers
MC1524D-12RW MPD-MC1524D-12RW Datasheet
553Kb / 2P
High Performance, 15W Wide Input Range DC/DC Con vert ers
More results


Similar Description - MC152

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
836BN-0075Z TOKO-836BN-0075Z Datasheet
25Kb / 2P
Variable Coils for Surface Mounting
FSDV TOKO-FSDV Datasheet
26Kb / 2P
Variable Coils for Surface Mounting
SA3D14 TOKO-SA3D14 Datasheet
97Kb / 1P
Transponder Coils for Surface Mounting
SA3M08 TOKO-SA3M08 Datasheet
84Kb / 1P
Transponder Coils for Surface Mounting
SA3M12 TOKO-SA3M12 Datasheet
83Kb / 1P
Transponder Coils for Surface Mounting
5CCEG TOKO-5CCEG Datasheet
215Kb / 1P
Valiable Coils for Surface Mounting
logo
XFMRS Inc.
XF101013-100309 XFMRS-XF101013-100309 Datasheet
35Kb / 1P
MOLDED COILS
logo
TOKO, Inc
SA3M08 TOKO-SA3M08_16 Datasheet
252Kb / 1P
Transponder Coils for Surface Mounting
SA3D14 TOKO-SA3D14_16 Datasheet
279Kb / 1P
Transponder Coils for Surface Mounting
SA3D12 TOKO-SA3D12_16 Datasheet
261Kb / 1P
Transponder Coils for Surface Mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com