Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

88E6063 Datasheet (PDF) - List of Unclassifed Manufacturers

88E6063 Datasheet PDF - List of Unclassifed Manufacturers
Part # 88E6063
Download  88E6063 Download
File Size   141.01 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 7-Port Fast Ethernet Switch with 802.1Q

88E6063 Datasheet (PDF)

Go To PDF Page Download Datasheet
88E6063 Datasheet PDF - List of Unclassifed Manufacturers

Part # 88E6063
Download  88E6063 Click to download

File Size   141.01 Kbytes
Page   2 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description 7-Port Fast Ethernet Switch with 802.1Q

88E6063 Datasheet (HTML) - List of Unclassifed Manufacturers


88E6063 Product details

[Marvell Semiconductor, Inc.]

PRODUCT OVERVIEW
The Marvell ¨ Link Streetª family of low power Fast Ethernet (FE) switches provides industry-leading functionality and price-performance ratio for the cost-sensitive Small OfÞce/Home OfÞce (SOHO) gateway/switching market and enterprise desktop switching market.
The Link Street 88E6063 device is a 7-port Quality of Service (QoS) switch integrating a high-performance switching fabric with four priority queues, a high-speed address look-up engine, Þve 10/100 Ethernet digital PHY ports, two MII ports, seven independent Media Access Controllers (MACs), Virtual Cable Testerª (VCT) technology for advanced cable diagnostics, 1Mb of memory, and Spanning Tree support.

FEATURES
• Single-chip integration of a 7-port FE QoS switch
• Five integrated 10/100 Ethernet PHY ports and two MII ports
   - Two of the PHY ports can be conÞgured as copper or Þber
   - Multi-mode MII interfaces
• Virtual Cable Testerª(VCT) technology
• Automatic MDI/MDIX crossover for 100BASE-TX and 10BASE-T ports
• High-speed switch fabric
   - Integrated 1 Mb on-chip memory
   - High-performance look-up engine with support for up to 2,048 MAC address entries with automatic learning and aging
• QoS support with four trafÞc classes
   - QoS determined by destination MAC address, port ID, IEEE 802.1p tags, IPv4 Type of Service (TOS), Differentiated Services (DiffServ), and IPv6 trafÞc class
• Port VLAN and 802.1Q VLAN support
   - 802.1Q VLAN support for up to 64 VLANs
   - 802.1Q VLAN processing per port and VLAN tagging and untagging
• Multiple address databases (up to 16)
• SNMP and trafÞc snooping support
   - Extensive RMON statistics counters
   - IGMP snooping (IPv4) and MLD snooping (IPv6)
• Supports a low cost 25 MHz XTAL clock source
• CMOS low power dissipation PAVE = less than 1W

APPLICATIONS
   The Marvell Link Street family of products provides industry-leading functionality for low cost integrated switches. The 88E6063 switchÕs high integration, low power, and two extra ports save BOM costs and support many applications with few additional active components in a small footprint. The ßexibility of the 88E6063 switch comes from its conÞguration options and integration. The device supports an optional EEPROM to override any desired QoS default settings. The 88E6063 switch contains PHYs, LED drivers, voltage regulator logic, QoS switch logic, and memory. The only active components required to implement a complete 88E6063 10/100 Ethernet switch are a 25 MHz crystal clock source and two low cost PNP transistors used by the 88E6063 deviceÕs voltage regulator to generate 1.5V and 2.5V from 3.3V.




Similar Part No. - 88E6063

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
88E6045 PULSE-88E6045 Datasheet
253Kb / 12P
LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
More results


Similar Description - 88E6063

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3351 PMC-PM3351 Datasheet
978Kb / 268P
SINGLE PORT FAST ETHERNET SWITCH
logo
Glenair, Inc.
052_101 GLENAIR-052_101 Datasheet
645Kb / 10P
7-Port Unmanaged Ethernet Switch
052-101 GLENAIR-052-101 Datasheet
645Kb / 10P
7-Port Unmanaged Ethernet Switch
logo
Level One
FSW-0808TX LVL1-FSW-0808TX Datasheet
439Kb / 3P
8-Port Fast Ethernet Switch
FSW-0811 LVL1-FSW-0811 Datasheet
354Kb / 3P
8-Port Fast Ethernet Switch
logo
Advantech Co., Ltd.
EKI-5525-I ADVANTECH-EKI-5525-I Datasheet
444Kb / 2P
5-port Fast Ethernet ProView Switch
EKI-5528-EI-AE ADVANTECH-EKI-5528-EI-AE Datasheet
444Kb / 2P
8-port Fast Ethernet ProView Switch
EKI-5528I-EI-AE ADVANTECH-EKI-5528I-EI-AE Datasheet
444Kb / 2P
8-port Fast Ethernet ProView Switch
EKI-5528-AE ADVANTECH-EKI-5528-AE Datasheet
444Kb / 2P
8-port Fast Ethernet ProView Switch
EKI-5526 ADVANTECH-EKI-5526 Datasheet
445Kb / 2P
16-port Fast Ethernet ProView Switch
16-Aug-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com