Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1707P Datasheet (PDF) - uPI Group Inc.

UP1707P Datasheet PDF - uPI Group Inc.
Part # UP1707P
Download  UP1707P Download
File Size   224.16 Kbytes
Page   11 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter

UP1707P Datasheet (PDF)

Go To PDF Page Download Datasheet
UP1707P Datasheet PDF - uPI Group Inc.

Part # UP1707P
Download  UP1707P Click to download

File Size   224.16 Kbytes
Page   11 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description 3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter

UP1707P Datasheet (HTML) - uPI Group Inc.


UP1707P Product details

Features
 4.5V to 23V Input Voltage Range
 Adjustable Output from 0.925V to 20V
 3A Output Current
 Accurate Reference: 0.925V ( +1.5%)
 Up to 95% Conversion Efficiency
 Integrated Low RDS(ON) Upper and Lower MOSFET
Switches: 100mΩ
 Current Mode PWM Operation
 Constant 340kHz Fixed-Frequency Operation
 Programmable Soft-Start
 Integrated Boot Diode
 Over Voltage and Under Voltage Protection
 Over Temperature and Over Current Protection
 PSOP-8L Package
 RoHS Compliant and Halogen Free




Similar Part No. - UP1707P

ManufacturerPart #DatasheetDescription
logo
uPI Group Inc.
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
UP1707SSW8 UPI-UP1707SSW8 Datasheet
157Kb / 13P
3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
More results


Similar Description - UP1707P

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2307 MPS-MP2307 Datasheet
346Kb / 11P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
Unisonic Technologies
P1484A UTC-P1484A Datasheet
246Kb / 6P
3A, 23V, 340KHZ SYNCHRONOUS RECTIFIED STEP-DOWN CONVERTER
logo
E-CMOS Corporation
EC3284 E-CMOS-EC3284 Datasheet
912Kb / 11P
3A, 23V, Synchronous Rectified Step-Down Converter
logo
uPI Group Inc.
UP1727R UPI-UP1727R Datasheet
128Kb / 10P
High-Efficiency Synchronous-Rectified Buck Converter
UP1715 UPI-UP1715 Datasheet
221Kb / 13P
High-Efficiency Synchronous-Rectified Buck Converter
UP1715R UPI-UP1715R Datasheet
189Kb / 12P
High-Efficiency Synchronous-Rectified Buck Converter
UP1735 UPI-UP1735 Datasheet
236Kb / 13P
3A, 23V, High-Efficiency Synchronous-Rectified Buck Converter
logo
TECHCODE SEMICONDUCTOR,...
TD1484B TECHCODE-TD1484B Datasheet
1Mb / 14P
3A 23V Synchronous Rectified Step-Down Converter
logo
Guangdong Kexin Industr...
MP1484 KEXIN-MP1484 Datasheet
1Mb / 3P
3A, 23V, 340KHz Synchronous Rectified Step-Down Converter
logo
uPI Group Inc.
UP1707S UPI-UP1707S Datasheet
157Kb / 13P
3A, 23V, 340K High-Efficiency Synchronous-Rectified Buck Converter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com