Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZTX550 Datasheet (PDF) - Inchange Semiconductor Company Limited

ZTX550 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ZTX550
Download  ZTX550 Download
File Size   290.65 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

ZTX550 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZTX550 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ZTX550
Download  ZTX550 Click to download

File Size   290.65 Kbytes
Page   2 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

ZTX550 Datasheet (HTML) - Inchange Semiconductor Company Limited


ZTX550 Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage
-V(BR)CEO= -45V(Min)
·Collector-Emitter Saturation Voltage
-VCE(sat)= -0.25V(Max) @IC= -150mA
APPLICATIONS
·Designed for power amplifier,high speed switching and
regulated power supply applications.




Similar Part No. - ZTX550

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZTX550 ZETEX-ZTX550 Datasheet
85Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
logo
Diodes Incorporated
ZTX550 DIODES-ZTX550 Datasheet
96Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
logo
Foshan Blue Rocket Elec...
ZTX550 FOSHAN-ZTX550 Datasheet
916Kb / 6P
Silicon PNP transistor in a TO-92 Plastic Package
logo
Diodes Incorporated
ZTX550 DIODES-ZTX550_15 Datasheet
96Kb / 2P
PNP SILICON PLANAR MEDIUM POWER TRANSISTORS
MARCH 1994
More results


Similar Description - ZTX550

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com