Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLV3604 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
TLV3604 Datasheet PDF - Texas Instruments
Part # TLV3604
Download  TLV3604 Download
File Size   2305.28 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs

TLV3604 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV3604 Datasheet PDF - Texas Instruments

Part # TLV3604
Download  TLV3604 Click to download

File Size   2305.28 Kbytes
Page   34 Pages
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments
Description TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs

TLV3604 Datasheet (HTML) - Texas Instruments


TLV3604 Product details

1 Features
• Low propagation delay: 800 ps
• Low overdrive dispersion: 350 ps
• Quiescent current: 12.1 mA
• High toggle frequency: 1.5 GHz / 3.0 Gbps
• Narrow pulse width detection capability: 600 ps
• LVDS output
• Supply range: 2.4 V to 5.5 V
• Input common-mode range extends 200 mV
beyond both rails
• Low input offset voltage: ±5 mV
• Single and dual channel options

2 Applications
• Distance sensing in LIDAR
• Time-of-Flight sensors
• High speed trigger function in oscilloscope and
logic analyzer
• High speed differential line receiver
• Drone vision

3 Description
The TLV3604, TLV3605 (single channel), and
TLV3607 (dual channel) are 800-ps, high-speed
comparators with LVDS outputs and rail-to-rail inputs.
These features, along with an operating voltage range
of 2.4 V to 5.5 V and a high toggle frequency
of 3 Gbps, make them well suited for LIDAR,
clock and data recovery applications, and test and
measurement systems.
Likewise, the TLV3604, TLV3605 and TLV3607 have
strong input overdrive performance of 350 ps and are
able to detect narrow pulse widths of just 600 ps.
This combination of low variation in propagation delay
due to input overdrive and the ability to detect narrow
pulses improve system performance and extend
distance range in Time-of-Flight (ToF) applications.
The Low-Voltage-Differential-Signal (LVDS) output of
the TLV3604, TLV3605, and TLV3607 also helps
increase data throughput and optimizes power
consumption. The complementary outputs reduce
EMI by suppressing common mode noise on each
output. The LVDS output is designed to drive and
interface directly with downstream devices that accept
a standard LVDS input, such as high-speed FPGAs
and CPUs.
The TLV3604 is in a tiny 6 pin SC-70 package,
which makes it easier for space sensitive applications
such as an optical sensor module. The TLV3605
(single) and TLV3607 (dual) maintain the same
performance as the TLV3604, and offer adjustable
hysteresis control, shutdown, and latching features in
12 pin QFN and 16 pin WQFN packages, making
them excellent choices for test and measurement
applications.




Similar Part No. - TLV3604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3604 TI-TLV3604 Datasheet
866Kb / 17P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604 Datasheet
1Mb / 27P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604 Datasheet
2Mb / 28P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI1-TLV3604 Datasheet
2Mb / 31P
TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
REVISED JULY 2023
TLV3604 TI2-TLV3604 Datasheet
2Mb / 35P
TLV3604, TLV3605, TLV3607 800ps High-Speed RRI Comparators with LVDS Outputs
REVISED JUNE 2024
More results


Similar Description - TLV3604

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV3604 TI-TLV3604 Datasheet
866Kb / 17P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604_V01 Datasheet
1Mb / 27P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3604 TI-TLV3604_V02 Datasheet
2Mb / 28P
TLV3604, TLV3605 800-ps High-Speed RRI Comparator with LVDS Outputs
TLV3801 TI-TLV3801 Datasheet
2Mb / 25P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
DECEMBER 2021
TLV3801-Q1 TI-TLV3801-Q1 Datasheet
2Mb / 27P
TLV3801-Q1 225-ps High-Speed Comparator with LVDS Outputs
OCTOBER 2022
TLV3801 TI-TLV3801_V01 Datasheet
2Mb / 32P
TLV3801, TLV3811 225-ps High-Speed Comparator with LVDS Outputs
REVISED OCTOBER 2022
TLV3604 TI1-TLV3604_V03 Datasheet
2Mb / 31P
TLV3604, TLV3605, TLV3607 800-ps High-Speed RRI Comparators with LVDS Outputs
REVISED JULY 2023
TLV3801-Q1 TI1-TLV3801-Q1_V01 Datasheet
2Mb / 31P
TLV3801-Q1 and TLV3802-Q1 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
TLV3801 TI1-TLV3801_V03 Datasheet
2Mb / 39P
TLV3801, TLV3802, TLV3811(C) 225-ps High-Speed Comparators with LVDS Outputs
REVISED DECEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com