Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ISB3012 Datasheet (PDF) - Inchange Semiconductor Company Limited

ISB3012 Datasheet PDF - Inchange Semiconductor Company Limited
Part # ISB3012
Download  ISB3012 Download
File Size   292.67 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

ISB3012 Datasheet (PDF)

Go To PDF Page Download Datasheet
ISB3012 Datasheet PDF - Inchange Semiconductor Company Limited

Part # ISB3012
Download  ISB3012 Click to download

File Size   292.67 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

ISB3012 Datasheet (HTML) - Inchange Semiconductor Company Limited


ISB3012 Product details

DESCRIPTION
·Collector-Emitter Breakdown Voltage
-V(BR)CEO= -60V(Min)
·Collector-Emitter Saturation Voltage
-VCE(sat)= -0.5V(Max) @IC=-2A
APPLICATIONS
·Designed for power amplifier,high speed switching and
regulated power supply applications.




Similar Part No. - ISB3012

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
ISB3010 ISC-ISB3010 Datasheet
313Kb / 3P
Silicon NPN Power Transistor
2023-9-20
ISB3011 ISC-ISB3011 Datasheet
292Kb / 3P
Silicon PNP Power Transistor
2023-9-20
ISB3013 ISC-ISB3013 Datasheet
210Kb / 2P
Silicon NPN RF Power Transistor
ISB3013 ISC-ISB3013 Datasheet
276Kb / 3P
isc Silicon NPN Power Transistor
ISB3014 ISC-ISB3014 Datasheet
282Kb / 2P
isc Silicon NPN Power Transistor
2023-10-10
More results


Similar Description - ISB3012

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com