Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AM7808-CLT Datasheet (PDF) - List of Unclassifed Manufacturers

AM7808-CLT Datasheet PDF - List of Unclassifed Manufacturers
Part # AM7808-CLT
Download  AM7808-CLT Download
File Size   464.59 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module

AM7808-CLT Datasheet (PDF)

Go To PDF Page Download Datasheet
AM7808-CLT Datasheet PDF - List of Unclassifed Manufacturers

Part # AM7808-CLT
Download  AM7808-CLT Click to download

File Size   464.59 Kbytes
Page   20 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description AM7808 High-Efficiency Quad-Band Transmit Dual-Band Receive GSM/GPRS CMOS TX Module

AM7808-CLT Datasheet (HTML) - List of Unclassifed Manufacturers


AM7808-CLT Product details

ƒ Extended Power Added Efficiency
• 47% PAE EGSM850 at 33.0 dBm
• 47% PAE EGSM900 at 33.0 dBm
• 40% PAE for DCS1800 at 30.0 dBm
• 40% PAE for PCS1900 at 30.0 dBm
• Up to 40% longer talk and data transmit time
than present best in class TXMs due to high
efficiency and ability to operate down to 2.7V
ƒ RF Performance
• Less than 0.5dB output power variation across
frequency band
• Ultra low loss RX insertion loss
• Interchangeable RX ports
ƒ Assembled in ultra-small form factor:
5.25mm x 5.30mm x 1.0mm LGA package
ƒ Robust Operation
• TRP compliant at 3:1 VSWR with ±1 dB
power variation
• Integrated thermal, over-voltage and overcurrent protection
• ESD protection on all pins (including RF)
greater than 1500V HBM and 100V MM
• ESD protection up to 8kV on antenna port
ƒ Integrated Control and Protection
• VBAT Operating range 2.7V to 4.5V
• Ultra low power standby mode
ƒ Applications
• Quad-Band GSM/GPRS Mobile Handsets
• GSM850/EGSM900/DCS/PCS Products
• GPRS Class 12 Multi-slot Operation




Similar Part No. - AM7808-CLT

ManufacturerPart #DatasheetDescription
logo
TOKYO KEISO CO.,LTD.
AM7000 KEISO-AM7000 Datasheet
4Mb / 27P
METAL TUBE VARIABLE AREA FLOWMETER
Nov 2025
AM7000-SR KEISO-AM7000-SR Datasheet
492Kb / 14P
For foods, beverages, cookingoil, brewing and fi ne chemicals
Jul 2020
logo
Analog Power
AM7000N ANALOGPOWER-AM7000N Datasheet
472Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM7001P ANALOGPOWER-AM7001P Datasheet
512Kb / 5P
P-Channel 200-V (D-S) MOSFET
AM70N03-04D ANALOGPOWER-AM70N03-04D Datasheet
349Kb / 5P
N-Channel 30-V (D-S) MOSFET
More results


Similar Description - AM7808-CLT

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RMPA1850 FAIRCHILD-RMPA1850 Datasheet
120Kb / 9P
Quad Band GSM/GPRS Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77547 SKYWORKS-SKY77547 Datasheet
82Kb / 2P
Tx-Rx iPAC Front-End Module - Quad-Band GSM/GPRS
logo
ANADIGICS, Inc
AWE6159R ANADIGICS-AWE6159R Datasheet
734Kb / 16P
Quad-band GSM/GPRS/EDGE Power Amplifier Module
logo
Skyworks Solutions Inc.
SKY77350-13 SKYWORKS-SKY77350-13 Datasheet
429Kb / 2P
Power Amplifier Module for Quad-Band GSM/GPRS
logo
u-blox AG
SARA-G3 U-BLOX-SARA-G3 Datasheet
1Mb / 48P
Dual and quad-band GSM/GPRS modules
logo
Quectel Wireless Soluti...
M65 QUECTEL-M65 Datasheet
857Kb / 2P
Ultra-small Quad-band GSM/GPRS Module
M66 QUECTEL-M66 Datasheet
1Mb / 2P
Ultra-small Quad-band GSM/GPRS Module
M66-R2.0 QUECTEL-M66-R2.0 Datasheet
836Kb / 2P
Ultra-compact Quad-band GSM/GPRS Module
M95 QUECTEL-M95 Datasheet
1Mb / 2P
Quad-band GSM/GPRS Module
logo
Qorvo, Inc
RF3235 QORVO-RF3235 Datasheet
188Kb / 2P
QUAD-BAND GSM/GPRS Tx MODULE WITH UMTS TRANSMIT/RECEIVE PORTS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com