Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1605 Datasheet (PDF) - uPI Group Inc.

UP1605 Datasheet PDF - uPI Group Inc.
Part # UP1605
Download  UP1605 Download
File Size   323.18 Kbytes
Page   23 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Compact Dual-Phase Synchronous-Rectified Buck Controller

UP1605 Datasheet (PDF)

Go To PDF Page Download Datasheet
UP1605 Datasheet PDF - uPI Group Inc.

Part # UP1605
Download  UP1605 Click to download

File Size   323.18 Kbytes
Page   23 Pages
Manufacturer  UPI [uPI Group Inc.]
Direct Link  http://www.ubiq-semi.com/
Logo UPI - uPI Group Inc.
Description Compact Dual-Phase Synchronous-Rectified Buck Controller

UP1605 Datasheet (HTML) - uPI Group Inc.


UP1605 Product details

Operate with Single Supply Voltage
±2.0% Over Line Voltage and Temperature
Simple Single-Loop Voltage-Mode Control
12V Bootstrapped Drivers with Internal
Bootstrap Diode
Adjustable Over Current Protection by DCR
Current Sensing
Adjustable Current Balancing by RDS(ON) Current
Sensing
Adjustable Operation Frequency form 50kHz to
1MHz Per Phase
External Compensation
Dynamic Output Voltage Adjustment
Adjustable Soft Start
VQFN4x4-24L Package
RoHS Compliant and Halogen Free




Similar Part No. - UP1605

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP1620 UTC-UP1620 Datasheet
81Kb / 3P
PNP SILICON POWER TRANSISTOR
UP1620G-O-T3P-T UTC-UP1620G-O-T3P-T Datasheet
81Kb / 3P
PNP SILICON POWER TRANSISTOR
UP1620G-P-T3P-T UTC-UP1620G-P-T3P-T Datasheet
81Kb / 3P
PNP SILICON POWER TRANSISTOR
UP1620G-X-T3P-T UTC-UP1620G-X-T3P-T Datasheet
81Kb / 3P
PNP SILICON POWER TRANSISTOR
UP1620G-Y-T3P-T UTC-UP1620G-Y-T3P-T Datasheet
81Kb / 3P
PNP SILICON POWER TRANSISTOR
More results


Similar Description - UP1605

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP3595 DIODES-AP3595 Datasheet
1Mb / 23P
DUAL PHASE SYNCHRONOUS RECTIFIED BUCK CONTROLLER
Rev 1
AP3598A DIODES-AP3598A Datasheet
1Mb / 28P
COMPACT DUAL-PHASE SYNCHRONOUS-RECTIFIED BUCK CONTROLLER
Rev 2
logo
uPI Group Inc.
UP1541R UPI-UP1541R Datasheet
221Kb / 14P
Synchronous-Rectified Buck Controller
UP3861P UPI-UP3861P Datasheet
235Kb / 17P
Dual Channel Interleaved Synchronous-Rectified Buck Controller
UP9510 UPI-UP9510 Datasheet
374Kb / 19P
3/2/1-Phase Synchronous-Rectified Buck Controller
UP1536 UPI-UP1536 Datasheet
184Kb / 10P
Synchronous-Rectified Buck Controller
UP1637 UPI-UP1637 Datasheet
387Kb / 24P
Phase Synchronous-Rectified Buck Controller
UP1666Q UPI-UP1666Q Datasheet
417Kb / 18P
2-Phase Synchronous-Rectified Buck Controller
UP9511S UPI-UP9511S Datasheet
371Kb / 19P
Phase Synchronous-Rectified Buck Controller
UP6204 UPI-UP6204 Datasheet
337Kb / 19P
Compact Three-Phase Synchronous-Rectified Buck Controller
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com